Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4356 Datasheet(PDF) 18 Page - Analog Devices

Part # ADF4356
Description  6.8 GHz Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4356 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADF4356 Datasheet HTML 14Page - Analog Devices ADF4356 Datasheet HTML 15Page - Analog Devices ADF4356 Datasheet HTML 16Page - Analog Devices ADF4356 Datasheet HTML 17Page - Analog Devices ADF4356 Datasheet HTML 18Page - Analog Devices ADF4356 Datasheet HTML 19Page - Analog Devices ADF4356 Datasheet HTML 20Page - Analog Devices ADF4356 Datasheet HTML 21Page - Analog Devices ADF4356 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
ADF4356
Data Sheet
Rev. 0 | Page 18 of 35
16-BIT INTEGER VALUE (INT)
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15
DB16
DB17
DB18
DB19
DB20
DB21
DB22
DB23
DB24
DB25
DB26
DB27
DB28
DB29
DB30
DB31
N1
N2
N3
N4
N5
N6
N7
N8
N9
N10
N11
N12
N13
N14
N15
N16
N1
INTEGER VALUE (INT)
N2
N3
N4
N5
....
N15
N16
0
NOT ALLOWED
0
0
0
0
....
0
0
1
NOT ALLOWED
0
0
0
0
....
0
0
0
NOT ALLOWED
1
0
0
0
....
0
0
.....
.
.
.
.
....
.
.
0
NOT ALLOWED
1
1
0
1
....
0
0
123
1
1
0
1
....
0
0
024
0
0
1
1
....
0
0
.....
.
.
.
.
....
.
.
1
65533
0
1
1
1
....
1
1
0
65534
1
1
1
1
....
1
1
1
65535
INTMIN = 75 WITH PRESCALER = 8/9
1
1
1
1
....
1
1
PR1
PR1
0
1
4/5
8/9
PRESCALER
AC1
0
0
0
0
0
0
0
0
0
0
C1(0)
C2(0)
C3(0)
C4(0)
RESERVED
CONTROL
BITS
AC1
0
1
DISABLED
DISABLED
VCO
AUTOCAL
Figure 28. Register 0
REGISTER 0
Control Bits
With Bits[C4:C1] set to 0000, Register 0 is programmed. Figure 28
shows the input data format for programming this register.
Reserved
Bits[DB31:DB22] are reserved and must be set to 0.
Automatic Calibration (AUTOCAL)
Write to Register 0 to enact (by default) the VCO automatic
calibration, and to choose the appropriate VCO and VCO subband.
Write 1 to the AC1 bit (Bit DB21) to enable the automatic
calibration, which is the recommended mode of operation.
Set the AC1 bit (Bit DB21) to 0 to disable the automatic calibration,
which leaves the ADF4356 in the same band it was already in
when Register 0 is updated.
Disable the automatic calibration only for fixed frequency
applications, phase adjust applications, or very small (<10 kHz)
frequency jumps.
Toggling AUTOCAL is also required when changing frequency.
See the Frequency Update Sequence section for more information.
Prescaler Value
The dual modulus prescaler (P/P + 1), along with the INT,
FRACx, and MODx counters, determines the overall division
ratio from the VCO output to the PFD input. The PR1 bit
(Bit DB20) in Register 0 sets the prescaler value.
Operating at CML levels, the prescaler takes the clock from the
VCO output and divides it down for the counters. It is based on
a synchronous 4/5 core. When the prescaler is set to 4/5, the
maximum RF frequency allowed is 7 GHz. The prescaler limits
the INT value; therefore, if P is 4/5, NMIN is 23, and if P is 8/9,
NMIN is 75.
16-Bit Integer Value
The 16 INT bits (Bits[DB19:DB4]) set the INT value, which
determines the integer part of the feedback division factor. The
INT value is used in Equation 3 (see the INT, FRACx, MODx,
and R Counter Relationship section). All integer values from 23
to 32,767 are allowed for the 4/5 prescaler. For the 8/9 prescaler,
the minimum integer value is 75, and the maximum value is
65,535.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com