Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4356 Datasheet(PDF) 19 Page - Analog Devices

Part # ADF4356
Description  6.8 GHz Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4356 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADF4356 Datasheet HTML 15Page - Analog Devices ADF4356 Datasheet HTML 16Page - Analog Devices ADF4356 Datasheet HTML 17Page - Analog Devices ADF4356 Datasheet HTML 18Page - Analog Devices ADF4356 Datasheet HTML 19Page - Analog Devices ADF4356 Datasheet HTML 20Page - Analog Devices ADF4356 Datasheet HTML 21Page - Analog Devices ADF4356 Datasheet HTML 22Page - Analog Devices ADF4356 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
Data Sheet
ADF4356
Rev. 0 | Page 19 of 35
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15
DB16
DB17
DB18
DB19
DB20
DB21
DB22
DB23
DB24
DB25
DB26
DB27
DB28
DB29
DB30
DB31
F1
F2
F3
F4
F5
F6
F7
F8
F9
F10
F11
F12
F13
F14
F15
F16
F17
F18
F19
F20
F21
F22
F23
F24
0
0
0
0
C1(1)
C2(0)
C3(0)
C4(0)
RESERVED
DBR1
24-BIT MAIN FRACTIONAL VALUE (FRAC1)
CONTROL
BITS
MAIN FRACTIONAL VALUE (FRAC1)
F1
F12
....
F23
F24
0
0
0
....
0
0
1
1
0
....
0
0
2
0
1
....
0
0
3
1
1
....
0
0
.
.
.
....
.
.
.
.
.
....
.
.
.
.
.
....
.
.
16777212
0
0
....
1
1
16777213
1
1
....
1
1
16777214
1
1
....
1
1
16777215
1DBR = DOUBLE BUFFERED REGISTER–BUFFERED BY THE WRITE TO REGISTER 0.
1
1
....
1
1
Figure 29. Register 1
FRAC2_LSB WORD
F1
F2
....
F13
F14
0
0
0
....
0
0
1
1
0
....
0
0
2
0
1
....
0
0
3
1
1
....
0
0
.
.
.
....
.
.
.
.
.
....
.
.
.
.
.
....
.
.
16381
0
0
....
1
1
16382
1
0
....
1
1
16382
0
1
....
1
1
16383
1DBR = DOUBLE BUFFERED REGISTER–BUFFERED BY THE WRITE TO REGISTER 0.
1
1
....
1
1
MOD2_LSB VALUE
M1
M2
....
M13
M14
NOT ALLOWED
0
0
....
0
0
NOT ALLOWED
1
0
....
0
0
2
0
1
....
0
0
3
1
1
....
0
0
.
.
.
....
.
.
.
.
.
....
.
.
.
.
.
....
.
.
16380
0
0
....
1
1
16381
1
0
....
1
1
16382
0
1
....
1
1
16383
1
1
....
1
1
14-BIT AUXILIARY MODULUS MSB VALUE (MOD2_LSB)
14-BIT AUXILIARY FRACTIONAL LSB VALUE (FRAC2_LSB)
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15
DB16
DB17
DB18
DB19
DB20
DB21
DB22
DB23
DB24
DB25
DB26
DB27
DB28
DB29
DB30
DB31
C1(0)
C2(1)
C3(0)
C4(0)
M1
M2
M3
M4
M5
M6
M7
M8
M9
M10
M11
M12
M13
M14
F1
F2
F3
F4
F5
F6
F7
F8
F9
F10
F11
F12
F13
F14
CONTROL
BITS
Figure 30. Register 2
REGISTER 1
Control Bits
With Bits[C4:C1] set to 0001, Register 1 is programmed. Figure 29
shows the input data format for programming this register.
Reserved
Bits[DB31:DB28] are reserved and must be set to 0.
24-Bit Main Fractional Value
The 24 FRAC1 bits (Bits[DB27:DB4]) set the numerator of the
fraction that is input to the Σ-Δ modulator. This fraction, along
with the INT value, specifies the new frequency channel that
the synthesizer locks to, as shown in the RF Synthesizer—A
Worked Example section. FRAC1 values from 0 to (MOD1 − 1)
cover channels over a frequency range equal to the PFD
reference frequency.
REGISTER 2
Control Bits
With Bits[C4:C1] set to 0010, Register 2 is programmed. Figure 30
shows the input data format for programming this register.
14-Bit Auxiliary Fractional LSB Value (FRAC2_LSB)
Use this value with the auxiliary fractional MSB value (Register 13,
Bits[DB31:DB18]) to generate the total auxiliary fractional value.
FRAC2 = (FRAC2_MSB × 214) + FRAC2_LSB
FRAC2 must be less than the MOD2 value programmed in
Register 2.
14-Bit Auxiliary Modulus LSB Value (MOD2_LSB)
Use this value with the auxiliary modulus MSB value (Register 13,
Bits[DB17:DB4]) to generate total auxiliary modulus value.
MOD2 = (MOD2_MSB) × 214 + MOD2_LSB
Use MOD2 to correct any residual error due to the main
fractional modulus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com