Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4356 Datasheet(PDF) 22 Page - Analog Devices

Part # ADF4356
Description  6.8 GHz Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4356 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADF4356 Datasheet HTML 18Page - Analog Devices ADF4356 Datasheet HTML 19Page - Analog Devices ADF4356 Datasheet HTML 20Page - Analog Devices ADF4356 Datasheet HTML 21Page - Analog Devices ADF4356 Datasheet HTML 22Page - Analog Devices ADF4356 Datasheet HTML 23Page - Analog Devices ADF4356 Datasheet HTML 24Page - Analog Devices ADF4356 Datasheet HTML 25Page - Analog Devices ADF4356 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
ADF4356
Data Sheet
Rev. 0 | Page 22 of 35
Reference Mode
The ADF4356 permits use of either differential or single-ended
reference sources.
For optimum integer boundary spur performance, it is
recommended to use the single-ended setting for all references
up to 250 MHz (even if using a differential reference signal). Use
the differential setting for reference frequencies above 250 MHz.
Level Select
To assist with logic compatibility, MUXOUT is programmable to
two logic levels. Set the U5 bit (Bit DB8) to 0 to select 1.8 V
logic, and set it to 1 to select 3.3 V logic.
Phase Detector Polarity
The U4 bit (Bit DB7) sets the phase detector polarity. When a
passive loop filter or a noninverting active loop filter is used, set
DB7 to 1 (positive). If an active filter with an inverting
characteristic is used, set this bit to 0 (negative).
Power-Down
The U3 bit (Bit DB6) sets the programmable power-down mode.
Setting DB6 to 1 performs a power-down. Setting DB6 to 0 returns
the synthesizer to normal operation. In software power-down
mode, the ADF4356 retains all information in its registers. The
register contents are only lost if the supply voltages are removed.
When power-down activates, the following events occur:
•
The synthesizer counters are forced to their load state
conditions.
•
The VCO powers down.
•
The charge pump is forced into three-state mode.
•
The digital lock detect circuitry resets.
•
The RFOUTA+/RFOUTA− and RFOUTB+/RFOUTB− output
stages are disabled.
•
The input registers remain active and capable of
loading and latching data.
Charge Pump Three-State
Setting the U2 bit (Bit DB5) to 1 puts the charge pump into
three-state mode. Set DB5 to 0 for normal operation.
Counter Reset
The U1 bit (Bit DB4) resets the R counter, N counter, and VCO
band select of the ADF4356. When DB4 is set to 1, the RF
synthesizer N counter, R counter, and VCO band select are reset.
For normal operation, set DB4 to 0.
REGISTER 5
The bits in Register 5 are reserved and must be programmed as
described in Figure 33, using a hexadecimal word of 0x00800025.
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15
DB16
DB17
DB18
DB19
DB20
DB21
DB22
DB23
DB24
DB25
DB26
DB27
DB28
DB29
DB30
DB31
C1(1)
C2(0)
C3(1)
C4(0)
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
RESERVED
CONTROL
BITS
Figure 33. Register 5 (0x00800025)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com