Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGS1412 Datasheet(PDF) 9 Page - Analog Devices

Part # ADGS1412
Description  Serially Controlled, 1.5 廓, On-Resistance, High Voltage, iCMOS, Quad SPST Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1412 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADGS1412 Datasheet HTML 5Page - Analog Devices ADGS1412 Datasheet HTML 6Page - Analog Devices ADGS1412 Datasheet HTML 7Page - Analog Devices ADGS1412 Datasheet HTML 8Page - Analog Devices ADGS1412 Datasheet HTML 9Page - Analog Devices ADGS1412 Datasheet HTML 10Page - Analog Devices ADGS1412 Datasheet HTML 11Page - Analog Devices ADGS1412 Datasheet HTML 12Page - Analog Devices ADGS1412 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
ADGS1412
Data Sheet
Rev. 0 | Page 8 of 25
Parameter
Limit
Unit
Test Conditions/Comments
t7
10
ns min
SCLK active edge to CS rising edge
t8
20
ns max
CS falling edge to SDO data available
t91
20
ns max
SCLK falling edge to SDO data available
t10
20
ns max
CS rising edge to SDO returns to high impedance
t11
20
ns min
CS high time between SPI commands
t12
8
ns min
CS falling edge to SCLK becomes stable
t13
8
ns min
CS rising edge to SCLK becomes stable
1 Measured with the 1 kΩ pull-up resistor to VL and 20 pF load. t9 determines the maximum SCLK frequency when SDO is used.
Timing Diagrams
t1
t2
t3
t4
t5
t8
t9
t10
t6
t7
R/W
CS
SCLK
SDI
SDO
A6
A5
D2
D1
D0
00
1
D2
D1
D0
Figure 2. Address Mode Timing Diagram
t1
t2
t3
t4
t5
t8
t9
t10
t6
t7
CS
SCLK
SDI
SDO
INPUT BYTE FOR DEVICE N
INPUT BYTE FOR DEVICE N + 1
ZERO BYTE
INPUT BYTE FOR DEVICE N
D7
D6
D0
D7
D6
D1
D0
0
0
0
D7D6
D1D0
Figure 3. Daisy Chain Timing Diagram
t13
t11
t12
CS
SCLK
Figure 4. SCLK/CS Timing Relationship



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com