Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82801AB Datasheet(PDF) 21 Page - Intel Corporation

Part # 82801AB
Description  82801AB (ICH0) I/O Controller Hub
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801AB Datasheet(HTML) 21 Page - Intel Corporation

Back Button 82801AB Datasheet HTML 17Page - Intel Corporation 82801AB Datasheet HTML 18Page - Intel Corporation 82801AB Datasheet HTML 19Page - Intel Corporation 82801AB Datasheet HTML 20Page - Intel Corporation 82801AB Datasheet HTML 21Page - Intel Corporation 82801AB Datasheet HTML 22Page - Intel Corporation 82801AB Datasheet HTML 23Page - Intel Corporation 82801AB Datasheet HTML 24Page - Intel Corporation 82801AB Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 414 page
background image
82801AA and 82801AB Datasheet
1-1
Introduction
Introduction
1
The ICH is a highly integrated multifunctional I/O Controller Hub that provides the interface to the
PCI Bus and integrates many of the functions needed in today’s PC platforms. The ICH
communicates with the host controller over a dedicated hub interface. There are two versions of the
ICH (82801AA: ICH and 82801AB: ICH0). This provides added flexibility in designing cost-
effective system solutions. These devices are pin compatible and are in 241-pin packages.
This datasheet describes the 82801AA (ICH) and 82801AB (ICH0) components. Unless otherwise
specified, all non-shaded areas describe the functionality of both components. In the non-shaded
areas, the term I/O Controller Hub (ICH) refers to both the 82801AB and 82801AA products.
1.1
About this Manual
This datasheet is intended for Original Equipment Manufacturers and BIOS vendors creating ICH-
based products. The datasheet assumes a working knowledge of the vocabulary and principles of
USB, IDE, AC’97, SMBus, PCI, ACPI and LPC. Although some details of these features are
described within this datasheet, refer to the individual industry specifications listed in Table 1-1 for
additional details.
Chapter 1. Introduction
Chapter 1 introduces the ICH and provides information on datasheet organization.
Chapter 2. Signal Description
Chapter 2 provides a detailed description of each ICH signal. Signals are arranged according to
interface and details are provided as to the drive characteristics (Input/Output, Open Drain, etc.) of
the signals.
Chapter 3. ICH Power Planes and Pin States
Chapter 3 provides a complete list of signals, their associated power well, their logic level in each
suspend state, and their logic level before and after reset.
Chapter 4. ICH and System Clock Domains
Chapter 4 provides a list of each clock domain associated with the ICH in an ICH-based system.
Shading, as is shown here, indicates differences between the two components. In the shaded areas
ICH refers to the 82801AA and ICH0 refers to the 82801AB.
Table 1-1. Industry Specifications
Specification
Location
LPC
http://developer.intel.com/design/pcisets/lpc/
AC’97
http://developer.intel.com/pc-supp/platform/ac97/
SMBus
http://www.sbs-forum.org/specs.htm
PCI
http://pcisig.com/specs.htm
USB
http://www.teleport.com/~usb/docs.htm
ACPI
http://www.teleport.com/~acpi/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com