Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82801AB Datasheet(PDF) 67 Page - Intel Corporation

Part # 82801AB
Description  82801AB (ICH0) I/O Controller Hub
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801AB Datasheet(HTML) 67 Page - Intel Corporation

Back Button 82801AB Datasheet HTML 63Page - Intel Corporation 82801AB Datasheet HTML 64Page - Intel Corporation 82801AB Datasheet HTML 65Page - Intel Corporation 82801AB Datasheet HTML 66Page - Intel Corporation 82801AB Datasheet HTML 67Page - Intel Corporation 82801AB Datasheet HTML 68Page - Intel Corporation 82801AB Datasheet HTML 69Page - Intel Corporation 82801AB Datasheet HTML 70Page - Intel Corporation 82801AB Datasheet HTML 71Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 414 page
background image
82801AA and 82801AB Datasheet
5-17
Functional Description
5.5.2
Abandoning DMA Requests
DMA Requests can be deasserted in two fashions: on error conditions by sending an LDRQ#
message with the ‘ACT’ bit set to ‘0’, or normally through a SYNC field during the DMA transfer.
This section describes boundary conditions where the DMA request needs to be removed prior to a
data transfer.
There may be some special cases where the peripheral desires to abandon a DMA transfer. The
most likely case of this occurring is due to a floppy disk controller which has overrun or underrun
its FIFO, or software stopping a device prematurely.
In these cases, the peripheral wishes to stop further DMA activity. It may do so by sending an
LDRQ# message with the ACT bit as ‘0’. However, since the DMA request was seen by the ICH,
there is no guarantee that the cycle has not been granted and will shortly run on LPC. Therefore,
peripherals must take into account that a DMA cycle may still occur. The peripheral can choose not
to respond to this cycle, in which case the host aborts it, or it can choose to complete the cycle
normally with any random data.
This method of DMA deassertion should be prevented whenever possible, to limit boundary
conditions both on the ICH and the peripheral.
5.5.3
General Flow of DMA Transfers
Arbitration for DMA channels is performed through the 8237 within the host. Once the host has
won arbitration on behalf of a DMA channel assigned to LPC, it asserts LFRAME# on the LPC
Interface and begins the DMA transfer. The general flow for a basic DMA transfer is as follows:
1. ICH starts transfer by asserting ‘0000b’ on LAD[3:0] with LFRAME# asserted.
2. ICH asserts ‘cycle type’ of DMA, direction based on DMA transfer direction.
3. ICH asserts channel number and, if applicable, terminal count.
4. ICH indicates the size of the transfer: 8 or 16 bits.
5. If a DMA read…
— The ICH drives the first 8 bits of data and turns the bus around.
— The peripheral acknowledges the data with a valid SYNC.
— If a 16 bit transfer, the process is repeated for the next 8 bits.
6. If a DMA write…
— The ICH turns the bus around and waits for data.
— The peripheral indicates data ready through SYNC and transfers the first byte.
— If a 16 bit transfer, the peripheral indicates data ready and transfers the next byte.
7. The peripheral turns around the bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com