Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82801AB Datasheet(PDF) 59 Page - Intel Corporation

Part # 82801AB
Description  82801AB (ICH0) I/O Controller Hub
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801AB Datasheet(HTML) 59 Page - Intel Corporation

Back Button 82801AB Datasheet HTML 55Page - Intel Corporation 82801AB Datasheet HTML 56Page - Intel Corporation 82801AB Datasheet HTML 57Page - Intel Corporation 82801AB Datasheet HTML 58Page - Intel Corporation 82801AB Datasheet HTML 59Page - Intel Corporation 82801AB Datasheet HTML 60Page - Intel Corporation 82801AB Datasheet HTML 61Page - Intel Corporation 82801AB Datasheet HTML 62Page - Intel Corporation 82801AB Datasheet HTML 63Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 414 page
background image
82801AA and 82801AB Datasheet
5-9
Functional Description
5.2.1.9
I/O Cycles
For I/O cycles targeting registers specified in the ICH’s decode ranges, the ICH performs I/O
cycles as defined in the LPC specification. These are 8-bit transfers. If the processor attempts a
16-bit or 32-bit transfer, the ICH breaks it up into multiple 8-bit transfers.
Note:
If the cycle is not claimed by any peripheral (and subsequently aborted), the ICH returns a value of
all 1’s (FFh) to the processor. This is to maintain compatibility with ISA I/O cycles where pull-up
resistors would keep the bus high if no device responds.
5.2.1.10
Bus Master Cycles
The ICH supports Bus Master cycles and requests (using LDRQ#) as defined in the LPC
specification. The ICH has two LDRQ# inputs, and thus supports two separate bus master devices.
It uses the associated START fields for Bus Master 0 (‘0010b’) or Bus Master 1 (‘0011b’).
5.2.1.11
Configuration and ICH Implications
LPC Interface Decoders
To allow the I/O cycles and memory mapped cycles to go to the LPC Interface, the ICH includes
several decoders. During configuration, the ICH must be programmed with the same decode ranges
as the peripheral. The decoders are programmed via the Device 31:Function 0 configuration space.
Bus Master Device Mapping and START Fields
Bus Masters must have a unique START field. In the case of the ICH, which supports 2 bus
masters, it drives 0010 for the START field for grants to bus master #0 (requested via LDRQ[0]#)
and 0011 for grants to bus master #1 (requested via LDRQ[1]#.). Thus no registers are needed to
config the START fields for a particular bus master.
5.3
DMA Operation (D31:F0)
The ICH supports two types of DMA: LPC, and PC/PCI. DMA via LPC is similar to ISA DMA.
LPC DMA and PC/PCI DMA use the ICH’s DMA controller.
The DMA controller has registers that are fixed in the lower 64 KB of I/O space. For PCI
configuration, the controller is configured using registers in the PCI configuration space. These
registers allow configuration of individual channels for use by LPC or PC/PCI DMA.
The DMA circuitry incorporates the functionality of two 82C37 DMA controllers with seven
independently programmable channels (Figure 5-7). DMA Controller 1 (DMA-1) corresponds to
DMA Channels 0–3 and DMA Controller 2 (DMA-2) corresponds to Channels 5–7. DMA Channel
4 is used to cascade the two controllers and defaults to cascade mode in the DMA Channel Mode
(DCM) Register. Channel 4 is not available for any other purpose. In addition to accepting requests
from DMA slaves, the DMA controller also responds to requests that software initiates. Software
may initiate a DMA service request by setting any bit in the DMA Channel Request Register to a 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com