Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTPH245 Datasheet(PDF) 30 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 30 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 26Page - Seiko Instruments Inc LTPH245 Datasheet HTML 27Page - Seiko Instruments Inc LTPH245 Datasheet HTML 28Page - Seiko Instruments Inc LTPH245 Datasheet HTML 29Page - Seiko Instruments Inc LTPH245 Datasheet HTML 30Page - Seiko Instruments Inc LTPH245 Datasheet HTML 31Page - Seiko Instruments Inc LTPH245 Datasheet HTML 32Page - Seiko Instruments Inc LTPH245 Datasheet HTML 33Page - Seiko Instruments Inc LTPH245 Datasheet HTML 34Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
3-17
3.5.6
Thermal Head Electrical Characteristics
Table 3-9 Thermal Head Electrical Characteristics
(Vdd=4.5 to 5.5V, Ta=0 to 50
°C)
Rated Values
Item
Simbol
Conditions
MIN
TYP
MAX
Unit
Head resistance
RH
144.5
170
195.5
Ω
Head drive voltage
Vp
4.2
7.2
8.5
V
Head drive current
Ip
max. common activated dot 64
1.3
2.6
3.5
A
Logic block voltage
Vdd
4.5
5.0
5.5
V
Waiting for activation
--
0.5
mA
fclk=4MHz,DAT=fixed
--
6
mA
Logic block current
Idd
Ta=
25
°C
fclk=4MHz,DAT=1/2fclk
--
10
mA
"High" input voltage
Vih
CLK,DAT,LATCH,DST
0.8
×Vdd
-
Vdd
V
"Low" input voltage
Vil
CLK,DAT,LATCH,DST
0
-
0.2
×Vdd
V
CLK
-
-
3
µA
DAT
-
-
0.5
µA
LATCH
--
3
µA
"High" input
current
DST
Iih
Ta=25
°C
Vdd=5.0(V)
Vih=5.0(V)
--
55
µA
CLK
-
-
-3
µA
DAT
-
-
-0.5
µA
LATCH
--
-3
µA
"Low" input
current
DST
Iil
Ta=25
°C
Vdd=5.0(V)
Vil=0(V)
--
-0.5
µA
Driver leak current
I leak Vp=7(V), for 1 bit
-
-
1.0
µA
CLK frequency
fclk
-
-
4
MHz
CLK pulse width
t1
See the Timing Chart
80
-
-
ns
DAT setup-time
t2
See the Timing Chart
50
-
-
ns
DAT hold time
t3
See the Timing Chart
50
-
-
ns
LATCH setup time
t4
See the Timing Chart
120
-
-
ns
LATCH pulse width
t5
See the Timing Chart
120
-
-
ns
LATCH hold time
t6
See the Timing Chart
120
-
-
ns
DST setup time
t7
See the Timing Chart
120
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com