Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTPH245 Datasheet(PDF) 50 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 50 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 46Page - Seiko Instruments Inc LTPH245 Datasheet HTML 47Page - Seiko Instruments Inc LTPH245 Datasheet HTML 48Page - Seiko Instruments Inc LTPH245 Datasheet HTML 49Page - Seiko Instruments Inc LTPH245 Datasheet HTML 50Page - Seiko Instruments Inc LTPH245 Datasheet HTML 51Page - Seiko Instruments Inc LTPH245 Datasheet HTML 52Page - Seiko Instruments Inc LTPH245 Datasheet HTML 53Page - Seiko Instruments Inc LTPH245 Datasheet HTML 54Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
5-3
2nd line, 1st step
Drive the motor by one step (3rd step). As to how much step time is output, compare Tm with
the time that was taken in the previous step.
(1) in case Tm < the time that was taken in the previous step
the next closest acceleration step time to the previous step time or Tm, which is longer, is
output.
(2) in case Tm > the time that was taken in the previous step
the closest acceleration step time to Tm and the acceleration step time that is larger than Tm,
are output.
Activate blocks 1, 3, and 5 in the same manner as the 1st line.
2nd line, 2nd step
Drive the motor by one step (4th step). As to how much step time is output, compare Tm with
the time that was taken in the previous step.
(1) in case Tm < the time that was taken in the previous step
the next closest acceleration step time to the previous step time or Tm, which is longer, is
output.
(2) in case Tm > the time that was taken in the previous step
the closest acceleration step time to Tm and the acceleration step time that is larger than Tm,
are output.
Activate blocks 2, 4, and 6 in the same manner as the 1st dot line, then transfer the next dot line
data.
Print each line in the same manner continuously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com