Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTPH245 Datasheet(PDF) 18 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 18 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 14Page - Seiko Instruments Inc LTPH245 Datasheet HTML 15Page - Seiko Instruments Inc LTPH245 Datasheet HTML 16Page - Seiko Instruments Inc LTPH245 Datasheet HTML 17Page - Seiko Instruments Inc LTPH245 Datasheet HTML 18Page - Seiko Instruments Inc LTPH245 Datasheet HTML 19Page - Seiko Instruments Inc LTPH245 Datasheet HTML 20Page - Seiko Instruments Inc LTPH245 Datasheet HTML 21Page - Seiko Instruments Inc LTPH245 Datasheet HTML 22Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
3-5
3.4
STEP MOTOR CHARACTERISTICS
Table 3-3 General Specifications of the Motor
Item
Specification
Type
PM
Number of phases
4-phase
Drive method
Bipolar chopper
Excitation
2-2 phase
Winding resistance per phase
14
Ω ±10%
Rated voltage
4.2 - 8.5 V
Rated current
0.23 A/phase, 0.15A/phase
1
Maximum current consumption
0.46 A
Drive frequency
50 - 1000 pps (according to drive voltage)
1
See 3.4.3 Precautions for Driving the Motor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com