Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4059SR Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4059SR
Description  High Power Infrared Emitter (850 nm)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4059SR Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4059SR Datasheet HTML 1Page - OSRAM GmbH SFH4059SR Datasheet HTML 2Page - OSRAM GmbH SFH4059SR Datasheet HTML 3Page - OSRAM GmbH SFH4059SR Datasheet HTML 4Page - OSRAM GmbH SFH4059SR Datasheet HTML 5Page - OSRAM GmbH SFH4059SR Datasheet HTML 6Page - OSRAM GmbH SFH4059SR Datasheet HTML 7Page - OSRAM GmbH SFH4059SR Datasheet HTML 8Page - OSRAM GmbH SFH4059SR Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2014-10-28
1
2014-10-28
High Power Infrared Emitter (850 nm)
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
Version 1.0
SFH 4059SR
Features:
Besondere Merkmale:
• High optical power
•
Sehr hohe Gesamtleistung
• Double Stack emitter
•
2- fach Stack Emitter
• Very small package: (LxWxH) 3.2 mm x 1.6 mm x
1.85 mm
•
Sehr kleines Gehäuse: (LxBxH) 3.2 mm x 1.6 mm x
1.85 mm
• Reverse mount
•
"Reverse mount"
Applications
Anwendungen
• Miniature photointerrupters
•
Miniaturlichtschranken
• Industrial electronics
•
Industrieelektronik
• For control and drive circuits
•
„Messen/Steuern/Regeln”
• Mobile devices
•
Mobile Geräte
Notes
Hinweise
Depending on the mode of operation, these devices
emit highly concentrated non visible infrared light
which can be hazardous to the human eye. Products
which incorporate these devices have to follow the
safety precautions given in IEC 60825-1 and IEC
62471.
Je nach Betriebsart emittieren diese Bauteile
hochkonzentrierte, nicht sichtbare
Infrarot-Strahlung, die gefährlich für das
menschliche Auge sein kann. Produkte, die diese
Bauteile enthalten, müssen gemäß den
Sicherheitsrichtlinien der IEC-Normen 60825-1 und
62471 behandelt werden.


Similar Part No. - SFH4059SR

ManufacturerPart #DatasheetDescription
logo
ams AG
SFH4059SR AMSCO-SFH4059SR Datasheet
764Kb / 17P
Chip LED Lens High Power Infrared Emitter (850 nm)
Version 1.5 2021-09-30
SFH4059SR-RS AMSCO-SFH4059SR-RS Datasheet
764Kb / 17P
Chip LED Lens High Power Infrared Emitter (850 nm)
Version 1.5 2021-09-30
More results

Similar Description - SFH4059SR

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4230 OSRAM-SFH4230 Datasheet
226Kb / 8P
High Power Infrared Emitter (850 nm)
SFH4050 OSRAM-SFH4050 Datasheet
222Kb / 8P
High Power Infrared Emitter (850 nm)
SFH4255 OSRAM-SFH4255 Datasheet
225Kb / 9P
High Power Infrared Emitter (850 nm)
SFH4250 OSRAM-SFH4250 Datasheet
231Kb / 9P
High Power Infrared Emitter (850 nm)
SFH4257 OSRAM-SFH4257 Datasheet
223Kb / 9P
High Power Infrared Emitter (850 nm)
SFH4252 OSRAM-SFH4252 Datasheet
226Kb / 9P
High Power Infrared Emitter (850 nm)
SFH4052 OSRAM-SFH4052 Datasheet
367Kb / 13P
High Power Infrared Emitter (850 nm)
SFH4232A OSRAM-SFH4232A Datasheet
307Kb / 12P
High Power Infrared Emitter (850 nm)
SFH4254 OSRAM-SFH4254 Datasheet
279Kb / 13P
High Power Infrared Emitter (850 nm)
SFH-4254 OSRAM-SFH-4254 Datasheet
279Kb / 13P
High Power Infrared Emitter (850 nm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com