Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4059SR Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH4059SR
Description  High Power Infrared Emitter (850 nm)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4059SR Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH4059SR Datasheet HTML 1Page - OSRAM GmbH SFH4059SR Datasheet HTML 2Page - OSRAM GmbH SFH4059SR Datasheet HTML 3Page - OSRAM GmbH SFH4059SR Datasheet HTML 4Page - OSRAM GmbH SFH4059SR Datasheet HTML 5Page - OSRAM GmbH SFH4059SR Datasheet HTML 6Page - OSRAM GmbH SFH4059SR Datasheet HTML 7Page - OSRAM GmbH SFH4059SR Datasheet HTML 8Page - OSRAM GmbH SFH4059SR Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Version 1.0
SFH 4059SR
2014-10-28
5
Relative Spectral Emission 3) page 12
Relative spektrale Emission 3) Seite 12
(typ) Irel = f(λ), TA = 25 °C
Irradiance 3) page 12
Bestrahlungsstärke 3) Seite 12
Ee/Ee (50mA) = f (IF), Single pulse, tp = 25 μs,
TA= 25°C
700
0
nm
%
OHF04132
20
40
60
80
100
950
750
800
850
Irel
λ
OHF05592
10
-3
3
10
Ε
e
(50 mA)
e
Ε
F
I
10
2
1
10
10
0
mA
10
-2
10
-1
0
10
2
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com