Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4100 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # TS4100
Description  Precision Measurement
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS4100 Datasheet(HTML) 5 Page - Silicon Laboratories

  TS4100 Datasheet HTML 1Page - Silicon Laboratories TS4100 Datasheet HTML 2Page - Silicon Laboratories TS4100 Datasheet HTML 3Page - Silicon Laboratories TS4100 Datasheet HTML 4Page - Silicon Laboratories TS4100 Datasheet HTML 5Page - Silicon Laboratories TS4100 Datasheet HTML 6Page - Silicon Laboratories TS4100 Datasheet HTML 7Page - Silicon Laboratories TS4100 Datasheet HTML 8Page - Silicon Laboratories TS4100 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
2.1.6 Switched-Capacitor Voltage Doubler with the TS4102 and TS3004 Timer
In portable applications, it is a common requirement for a battery to continue to supply power to a circuit when it has discharged to a
voltage unusable by other devices in the system. To address this, a simple voltage doubler can be designed using two SPDT switches
in a single TS4102 device and a TS3004 timer as shown in the figure below.
In this configuration, the TS3003 timer FOUT output provides a 200 Hz (50% Duty Cycle) clock signal to address pin ADDA and ADDB
that switches between 0 V and VDD. When the clock signal to the address pins ADDA and ADDB is 0 V, capacitor C1 is charged to
VSUPPLY. When the clock input is VDD, the charge in C1 is passed to C2 and effectively doubles the voltage at NOB to 2 x VSUPPLY.
Unlike other analog switches, the TS4102 allows the supply voltage to be independent of the common mode input voltage. In this con-
figuration, the TS4102 allows the supply voltage to be independent of the common mode input voltage. In this configuration, the
TS4102 and the TS3004 can operate at a supply voltage range of 1.55 V to 5.25 V while the output voltage is 5 V with VSUPPLY = 2.5
V. With VDD = 1.55 V, the complete circuit consumes only 3 μA of supply current and can drive an output load of up to 48 μA (5% drop
at VOUT).
Figure 2.2. Switched-Capacitor Voltage Doubler with TS4102 and TS3004 Timer
TS4100/01/02 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com