Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4100 Datasheet(PDF) 20 Page - Silicon Laboratories

Part # TS4100
Description  Precision Measurement
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS4100 Datasheet(HTML) 20 Page - Silicon Laboratories

Back Button TS4100 Datasheet HTML 16Page - Silicon Laboratories TS4100 Datasheet HTML 17Page - Silicon Laboratories TS4100 Datasheet HTML 18Page - Silicon Laboratories TS4100 Datasheet HTML 19Page - Silicon Laboratories TS4100 Datasheet HTML 20Page - Silicon Laboratories TS4100 Datasheet HTML 21Page - Silicon Laboratories TS4100 Datasheet HTML 22Page - Silicon Laboratories TS4100 Datasheet HTML 23Page - Silicon Laboratories TS4100 Datasheet HTML 24Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
5. Packaging
5.1 TS410x Package Dimensions
Figure 5.1. 3x3 mm 16-QFN Package Diagram
Dimension
Min
Nom
Max
A
0.70
0.75
0.85
A1
0.00
—
0.05
b
0.20
0.25
0.30
D
3.00 BSC.
D2
1.75
1.80
1.85
e
0.50 BSC.
E
3.00 BSC.
E2
1.75
1.80
1.85
L
0.30
0.35
0.40
aaa
—
—
0.05
bbb
—
—
0.05
ccc
—
—
0.05
ddd
—
—
0.10
Note:
1. All dimensions shown are in millimeters (mm) unless otherwise noted.
2. Dimensioning and Tolerancing per ANSI Y14.5M-1994.
TS4100/01/02 Data Sheet
Packaging
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com