Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4100 Datasheet(PDF) 19 Page - Silicon Laboratories

Part # TS4100
Description  Precision Measurement
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS4100 Datasheet(HTML) 19 Page - Silicon Laboratories

Back Button TS4100 Datasheet HTML 15Page - Silicon Laboratories TS4100 Datasheet HTML 16Page - Silicon Laboratories TS4100 Datasheet HTML 17Page - Silicon Laboratories TS4100 Datasheet HTML 18Page - Silicon Laboratories TS4100 Datasheet HTML 19Page - Silicon Laboratories TS4100 Datasheet HTML 20Page - Silicon Laboratories TS4100 Datasheet HTML 21Page - Silicon Laboratories TS4100 Datasheet HTML 22Page - Silicon Laboratories TS4100 Datasheet HTML 23Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Pin
Pin Name
Function
TS4100
TS4101
TS4102
11
NO0
8-channel switch/multiplexer input.
COMA
4-channel switch/multiplexer "A" output.
NOC
Single-Pole/Double-Throw Switch (SPDT) "C" normally open input.
12
NO1
8-channel switch/multiplexer input.
NO1A
4-channel switch/multiplexer "A" input
COMC
Single-Pole/Double-Throw Switch (SPDT) "C" output.
13
NO2
8-channel switch/multiplexer input.
NO2A
4-channel switch/multiplexer "A" input.
COMB
Single-Pole/Double-Throw Switch (SPDT) "B" output.
14
VDD
Power Supply Voltage Input. Bypass this pin with a 1μF cerarnic coupling
capacitor in close proximity to the TS4100-TS4102.
15
NO4
8-channel switch/multiplexer input.
NO0B
4-channel switch/multiplexer "B' input.
NOB
Single-Pole/Double-Throw Switch (SPDT) "B" normally open input.
16
NO6
8-channel switch/multiplexer input
NO2B
4-channel switch/multiplexer "B" input.
NCB
Single-Pole/Double-Throw Switch (SPDT) "B" normally closed input.
EP
—
—
—
For best electrical and thermal performance, solder exposed paddle to
GND.
4.1 Digital I/O Settings
Table 4.2. Digital I/O Settings
INH
Address Bits
TS4100
TS4101
TS4102
ADDC
(TS4100 and
TS4102 Only)
ADDB
ADDA
COM
Output
COMA
Output
COMB
Output
COMA
Output
COMB
Output
COMC
Output
1
X
X
X
Switch Open
0
0
0
0
NO0
NO0A
NO0B
NCA
NCB
NCC
0
0
0
1
NO1
NO1A
NO1B
NOA
NCB
NCC
0
0
1
0
NO2
NO2A
NO2B
NCA
NOB
NCC
0
0
1
1
NO3
NO3A
NO3B
NOA
NOB
NCC
0
1
0
0
NO4
NO0A
NO0B
NCA
NCB
NOC
0
1
0
1
NO5
NO1A
NO1B
NOA
NCB
NOC
0
1
1
0
NO6
NO2A
NO2B
NCA
NOB
NOC
0
1
1
1
NO7
NO3A
NO3B
NOA
NOB
NOC
TS4100/01/02 Data Sheet
Pin Descriptions
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com