Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR2060 Datasheet(PDF) 2 Page - Aplus Intergrated Circuits

Part # PR2060
Description  40 ~ 80 sec recording voice IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

PR2060 Datasheet(HTML) 2 Page - Aplus Intergrated Circuits

  PR2060 Datasheet HTML 1Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 2Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 3Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 4Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 5Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 6Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 7Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 8Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Integrated Circuits Inc.
aPR2060 T2.2
Ver. B
2/28
APR. 11, 2016
FEATURES
Operating Voltage Range: 3V ~ 6.5V
Single Chip, High Quality Audio/Voice Recording & Playback Solution
No External ICs Required
Minimum External Components
User Friendly, Easy to Use Operation
Programming & Development Systems Not Required
40 ~ 80 sec. Voice Recording Length
Powerful 16-Bits Digital Audio Processor.
Nonvolatile Flash Memory Technology
No Battery Backup Required
External Reset pin.
Powerful Power Management Unit
Very Low Standby Current: 1uA
Low Power-Down Current: 10uA
Supports Power-Down Mode for Power Saving
Built-in Audio-Recording Microphone Amplifier
No External OPAMP or BJT Required
Easy to PCB layout
Configurable analog interface
Differential-ended MIC pre-amp for Low Noise
High Quality Line Receiver
High Quality Analog to Digital, DAC and PWM module
Resolution up to 16-bits
Simple And Direct User Interface
Averagely 1,2 or 4 voice messages record & playback
Adjustable sample rates by external resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com