Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR2060 Datasheet(PDF) 5 Page - Aplus Intergrated Circuits

Part # PR2060
Description  40 ~ 80 sec recording voice IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

PR2060 Datasheet(HTML) 5 Page - Aplus Intergrated Circuits

  PR2060 Datasheet HTML 1Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 2Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 3Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 4Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 5Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 6Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 7Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 8Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Integrated Circuits Inc.
aPR2060 T2.2
Ver. B
5/28
APR. 11, 2016
PIN DESCRIPTION
Pin Names
Pin No
TYPE
Description
VDDP
VDD
9
10
Positive power supply.
VSSL
VSSP
VSSA
1
6
17
Power ground.
VCORE
2
Positive power supply for core.
VREF
12
Reference voltage.
VCM
18
Common mode voltage.
Rosc
3
INPUT
Oscillator resistor input.
RSTB
11
INPUT
Reset. (Low active)
MIC+
MIC-
19
20
INPUT
Microphone differential input.
MICG
16
OUTPUT
Microphone ground.
VOUT1
7
OUTPUT
PWM output to drive speaker directly.
DAC option.
VOUT2
8
OUTPUT
PWM output to drive speaker directly.
DAC output.
/REC
15
INPUT
Record Mode. (Low active)
M0
4
INPUT
Message-0.
M1
14
INPUT
Message-1.
M2 / MSEL0
5
INPUT
Message-6, Message select 0.
M3 / MSEL1
13
INPUT
Message-7, Message select 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com