Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR2060 Datasheet(PDF) 3 Page - Aplus Intergrated Circuits

Part # PR2060
Description  40 ~ 80 sec recording voice IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

PR2060 Datasheet(HTML) 3 Page - Aplus Intergrated Circuits

  PR2060 Datasheet HTML 1Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 2Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 3Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 4Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 5Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 6Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 7Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 8Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Integrated Circuits Inc.
aPR2060 T2.2
Ver. B
3/28
APR. 11, 2016
DESCRIPTION
Today’s consumers demand the best in audio/voice. They want crystal-clear sound wherever they
are in whatever format they want to use. APLUS delivers the technology to enhance a listener’s
audio/voice experience.
The aPR2060 is powerful audio processor along with high performance audio analog-to-digital
converters (ADCs) and digital-to-analog converters (DACs). The aPR2060 are a fully integrated
solution offering high performance and unparalleled integration with analog input, digital processing
and analog output functionality. The aPR2060 incorporates all the functionality required to perform
demanding audio/voice applications. High quality audio/voice systems with lower bill-of-material
costs can be implemented with the aPR2060 because of its integrated analog data converters and
full suite of quality-enhancing features such as sample-rate convertor.
The aPR2060 T2.2 is specially designed for simple key trigger, user can record and playback the
message averagely for 1, 2 or 4 voice message(s) by switch, It is suitable in simple interface or
need to limit the length of single message, e.g. toys, leave messages system, answering machine
etc. Meanwhile, this mode provides the power-management system. Users can let the chip enter
power-down mode when unused. It can effectively reduce electric current consuming to 10uA and
increase the using time in any projects powered by batteries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com