Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA84C441 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCA84C441
Description  8-bit microcontrollers with OSD and VST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA84C441 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCA84C441 Datasheet HTML 11Page - NXP Semiconductors PCA84C441 Datasheet HTML 12Page - NXP Semiconductors PCA84C441 Datasheet HTML 13Page - NXP Semiconductors PCA84C441 Datasheet HTML 14Page - NXP Semiconductors PCA84C441 Datasheet HTML 15Page - NXP Semiconductors PCA84C441 Datasheet HTML 16Page - NXP Semiconductors PCA84C441 Datasheet HTML 17Page - NXP Semiconductors PCA84C441 Datasheet HTML 18Page - NXP Semiconductors PCA84C441 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
1996 Nov 29
15
Philips Semiconductors
Product specification
8-bit microcontrollers with OSD and VST
84C44X; 84C64X; 84C84X
10 AFC INPUT
The AFC input is used to measure the level of the
Automatic Frequency Control signal. This is achieved by
comparing the AFC input signal with the output of a 3-bit
DAC as shown in Fig.14. DAC analog switches select one
of 8 resistor taps connected between VDD and VSS.
Consequently, eight different voltages may be selected
(see Table 4). The compare signal AFCC, can be tested to
determine whether the AFC input is higher or lower than
the DAC level.
The AFC input shares the same pin as the Derivative Port
line DP1.7. Setting the enable bit AFCE to:
• Logic 1, selects the AFC function
• Logic 0, selects the Derivative Port DP1.7 function.
Table 4
Selection of Vref
AFC2 AFC1 AFC0
Vref
Vref
(for VDD = 5.0 V)
000
VDD × 0.125
0.625 V
001
VDD × 0.250
1.250 V
010
VDD × 0.375
1.875 V
011
VDD × 0.500
2.500 V
100
VDD × 0.625
3.125 V
101
VDD × 0.750
3.750 V
110
VDD × 0.875
4.375 V
111
VDD
5.000 V
handbook, full pagewidth
COMPARATOR
3-BIT DAC
EN
EN
DP1.7/AFC
AFC2
AFC1
AFC0
AFCE
AFCC
internal bus
inner latches
DP1.7
MCD178
Fig.14 AFC circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com