Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA84C441 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCA84C441
Description  8-bit microcontrollers with OSD and VST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA84C441 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCA84C441 Datasheet HTML 30Page - NXP Semiconductors PCA84C441 Datasheet HTML 31Page - NXP Semiconductors PCA84C441 Datasheet HTML 32Page - NXP Semiconductors PCA84C441 Datasheet HTML 33Page - NXP Semiconductors PCA84C441 Datasheet HTML 34Page - NXP Semiconductors PCA84C441 Datasheet HTML 35Page - NXP Semiconductors PCA84C441 Datasheet HTML 36Page - NXP Semiconductors PCA84C441 Datasheet HTML 37Page - NXP Semiconductors PCA84C441 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
1996 Nov 29
34
Philips Semiconductors
Product specification
8-bit microcontrollers with OSD and VST
84C44X; 84C64X; 84C84X
16 DC CHARACTERISTICS
VDD = 4.5 to 5.5 V; VSS =0V; Tamb = −20 to +70 °C; all voltages with respect to VSS unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
operating supply voltage
4.5
5.0
5.5
V
IDD
operating supply current
fOSDCRC =fOSDCLC =fXTAL;
VDD = 5 V; see note 1;
fXTAL =10MHz
−
510
mA
fXTAL = 6 MHz
−
3.5
8
mA
fOSDCRC =fOSDCLC = STOP;
VDD = 5 V; see note 1;
−
fXTAL = 10 MHz
−
37
mA
fXTAL = 6 MHz
−
1.5
3.5
mA
IDD(ID)
supply current Idle mode
VDD =5V;
fXTAL = 10 MHz
−
1.3
3
mA
fXTAL = 6 MHz; see note 1 −
0.8
1.5
mA
IDD(ST)
supply current Stop mode
VDD = 5.5 V;
see notes 1 and 2
−
510
µA
Inputs
IIH
HIGH level input current (pin RESET)
VI = 0.5 V
20
−−
µA
PORTS P0, P1, DP0, DP1, HSYNCN AND VSYNCN
VIL
LOW level input voltage
0
−
0.3VDD V
VIH
HIGH level input voltage
0.7VDD −
VDD
V
PORTS P0, P1, DP0, DP1, INTN/T0 AND T1
ILl
input leakage current
VSS < VI < VDD
Ports P0, P1, DP0 and DP1
−−
±10
µA
Ports INTN/T0 and T1
±0.01
±0.2
±10
µA
Outputs: Ports P0, P1, DP0, DP1; VOB and VOW3 (see Figs 30, 31 and 31)
IOL
LOW level output sink current
Port P0
VO = 1.2 V
10
−−
mA
Ports P1, DP0 and DP1
VO = 0.4 V
5
10
−
mA
Ports VOB and VOW3
VO = 0.4 V
1.2
3
−
mA
PORTS P0, P1, DP0 AND DP1 (see Figs 33 and 33)
IOH
HIGH level pull-up output source current
VO =VSS
−
140
400
µA
VO = 0.7VDD
40
100
−µA
HIGH level push-pull output source current VO =VDD − 0.4 V
3
7
−
mA
OUTPUTS VOB AND VOW3 (see Fig.33)
IOH
HIGH level push-pull output source current VO =VDD − 0.4 V
1.2
3
−
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com