| Electronic Components Datasheet Search |
|
PCA84C441 Datasheet(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA84C441 Datasheet(HTML) 30 Page - NXP Semiconductors |
|
30 / 40 page ![]() 1996 Nov 29 30 Philips Semiconductors Product specification 8-bit microcontrollers with OSD and VST 84C44X; 84C64X; 84C84X 12.9 Character ROM Character ROM contains the dot character fonts. 13 × 8 dots are reserved for each character, regardless of the dot matrix size actually selected. The dot matrix grid is shown in Fig.28. Philips provides a software under MS DOS environment (IBM/PC or compatible) to help customer to design the character font on the screen and to generate the bit pattern HEX decimal file automatically. Contact your local Philips Sales Organization for details. handbook, halfpage MCD185 123 45 678 13 12 10 9 1 2 3 4 5 6 7 8 11 Fig.28 Character ROM. 13 EMULATION MODE The emulation mode configuration is shown in Fig.29. In the emulation mode configuration the PCA84C640’s CPU is disabled and only its derivative logic is active. The device is controlled by the PCF84C00 bond-out chip. The PCA84C640's two derivative ports act as additional ports for the PCF84C00. The interaction between the two devices is as follows: 1. During the first machine cycle the PCF84C00 fetches an instruction from EPROM and then decodes that instruction. 2. During the second machine cycle the PCF84C00 executes the decoded instruction. If the instruction is related to the derivative ports then DXALE, DXRDN and/or DXWRN become active and the PCA84C640 operates as a peripheral of the PCF84C00. 3. Depending on the type of instruction executed during the second machine cycle the following data transfer happens: a) During TS1 data from the EPROM is available on P0.0 to P0.7 which is then available on IB0.0 of the PCF84C00. b) During TS4 data from the PCA84C640 can be transferred to the PCF84C00. c) During TS6 data from the PCF84C00 can be transferred to the PCA84C640. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |