Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDP31 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SDP31
Description  Smallest size enables portable applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDP31 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SDP31 Datasheet HTML 1Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.sensirion.com
Version 0.8 – January 2017
2/14
1. Sensor Performance
1.1
Differential Pressure Specification1
Parameter
SDP31
SDP32
Measurement range 2
- 500 to + 500 Pa
(± 2 inches H2O)
- 125 to + 125 Pa
(± ½ inch H2O)
Zero point accuracy 3,4
0.1 Pa
0.08 Pa
Span accuracy 3,4
3% of reading
3% of reading
Zero point repeatability 4
0.03 Pa
0.025 Pa
Span repeatability 4
0.5% of reading
0.5% of reading
Span shift due to
temperature variation
< 0.5% of reading per 10°C
< 0.5% of reading per 10°C
Offset stability
< 0.01 Pa/year
< 0.01 Pa/year
Flow step response time (τ63)
< 3ms
Resolution
16 bit
Calibrated for
Air, N2
Media compatibility
Air, N2, O2, non-condensing
Calibrated temperature
range
-40 °C to +85 °C
1.2
Temperature Specification5
Parameter
Value
Measurement range
- 40 °C to +85 °C
Resolution
16 bit
Accuracy
2 °C (-10 °C to +60 °C)
3 °C (-40 °C to +85 °C)
Repeatability
0.1°C
1 Unless otherwise noted, all sensor specifications are valid at 25°C with VDD = 3.3 V and absolute pressure = 966 mbar.
2 For other pressure ranges contact Sensirion
3 Includes repeatability
4 Total accuracy/repeatability is a sum of zero-point and span accuracy/repeatability.
5 The measured temperature is the temperature of the bulk silicon in the sensor. This temperature value is not only depending on the gas temperature, but
also on the sensor’s surroundings. Using the signal to measure solely the gas temperature will need special precautions, such as isolating the sensor from
external temperate influences.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com