Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDP31 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SDP31
Description  Smallest size enables portable applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDP31 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SDP31 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 9Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 10Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 11Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 12Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 13Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.sensirion.com
Version 0.8 – January 2017
10/14
5.4
Checksum Calculation
The checksum byte is generated by a CRC algorithm with the following properties:
Property
Value
Name
CRC-8
Protected data
read data
Width
8 bit
Polynomial
0x31 (x8 + x5 + x4 +1)
Initialization
0xFF
Reflect input
False
Reflect output
False
Final XOR
0x00
Example
CRC(0xBEEF) = 0x92
5.5
Conversion to Physical Values
Conversion of the differential pressure and temperature sensor signals to a physical value is done with the scale factor.
5.5.1 Scale Factors
Parameter
SDP31
SDP32
Differential Pressure
60 Pa-1
240 Pa-1
Temperature
200 °C-1
200 °C-1
5.5.2 Differential Pressure
The digital calibrated differential pressure signal read from the sensor is a signed integer number (two's complement number).
The integer value can be converted to the physical value by dividing it by the scale factor (differential pressure in Pascal =
sensor output
 scale factor).
5.5.3 Temperature
The digital calibrated temperature signal read from the sensor is a signed integer number (two's complement number). The
integer value can be converted to the physical value by dividing it by the scale factor (temperature in °C = sensor output
scale factor).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com