Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDP31 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SDP31
Description  Smallest size enables portable applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDP31 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SDP31 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 9Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 10Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 11Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 12Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.sensirion.com
Version 0.8 – January 2017
9/14
5.3.4 Read Product Identifier
During assembly and start-up of the machine it might be required to check some basic parameters in the sensor - for example
to check if the correct sensor is integrated.
The product identifier and serial number can be read out after sending a sequence of two commands.
Command
Command code
Consecutive read
Description
Read product
identifier
0x367C
0xE102
Byte1: Product number [31:24]
Byte2: Product number [23:16]
Byte3: CRC
Byte4: Product number [15:8]
Byte5: Product number [7:0]
Byte6: CRC
Byte7: Serial number [63:56]
Byte8: Serial number [55:48]
Byte9: CRC
Byte10: Serial number [47:40]
Byte11: Serial number [39:32]
Byte12: CRC
Byte13: Serial number [31:24]
Byte14: Serial number [23:16]
Byte15: CRC
Byte16: Serial number [15:8]
Byte17: Serial number [7:0]
Byte18: CRC
Note that both commands need to be preceded
with an I2C write header (I2C address + W).
The second command returns:
-
32 bit unique product and revision
number. The number is listed in the
table below.
Note that the last 8 bits are the revision
number and are subject to change as
long as the datasheet is preliminary.
-
64 bit unique serial number
Product
Product number
SDP31
0x03010188
SDP32
0x03010283
5.3.5 Soft Reset
Command
I2C address + W bit +
command code (Hex)
Consecutive
read
Description
General call
reset
0x0006
NA
This sequence resets the sensor with a separate reset block,
which is as much as possible detached from the rest of the
system on chip.
Note that the I2C address is 0x00, which is the general call
address, and that the command is 8 bit. The reset is
implemented according to the I2C specification.
After the reset command the sensor will take maximum 20ms to reset. During this time the sensor will not acknowledge its
address nor accept commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com