Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX20AC75 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # SX20AC75
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX20AC75 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button SX20AC75 Datasheet HTML 41Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 42Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 43Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 44Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 45Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 46Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 47Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 48Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 45 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
17.7
Typical Performance Characteristics (continued)
Vdd (V)
70
60
50
40
30
20
10
_
_
_
_
_
_
_
2.5
3.5
4.5
5.5
Vdd (V)
110
100
90
80
_
_
_
_
4.5
5.0
5.5
_
_
90
80
Active Supply Current Vs Operating Frequency
(External Clock)
SX18AC75/SX20AC75/SX28AC75
Active Supply Current Vs Vdd
(Crystal Clock)
40
M
Hz
32
M
Hz
20
MH
z
8 MHz
4 MHz
Vdd (V)
70
60
50
40
30
20
10
_
_
_
_
_
_
_
2.5
3.5
4.5
5.5
_
_
90
80
Active Supply Current Vs Vdd
(External Clock)
40
M
Hz
32
M
Hz
20 M
Hz
8 MHz
4 MHz
700
600
500
400
300
200
100
_
_
_
_
_
_
_
3
3.5
4
4.5
5
Active Supply Current Vs Vdd
(32 kHz Crystal Clock)
Vdd (V)
5.5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com