Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX20AC75 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # SX20AC75
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX20AC75 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button SX20AC75 Datasheet HTML 15Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 16Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 17Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 18Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 19Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 20Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 21Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 22Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 19 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
8.0
INTERRUPT SUPPORT
The device supports both internal and external maskable
interrupts. The internal interrupt is generated as a result
of the RTCC rolling over from 0FFh to 00h. This interrupt
source has an associated enable bit located in the
OPTION register. There is no pending bit associated with
this interrupt.
Port B provides the source for eight external software
selectable, edge sensitive interrupts. These interrupt
sources share logic with the Multi-Input Wakeup circuitry.
The WKEN_B register allows interrupt from Port B to be
individually enabled or disabled. Clearing a bit in the
WKEN_B register enables the interrupt on the corre-
sponding Port B pin. The WKED_B selects the transition
edge to be either positive or negative. The WKEN_B and
WKED_B registers are set to FFh upon reset. Setting a
bit in the WKED_B register selects the falling edge while
clearing the bit selects the rising edge on the correspond-
ing Port B pin.
The WKPND_B register serves as the external interrupt
pending register.
The WKPND_B register comes up a with random value
upon reset. The user program must clear the WKPND_B
register prior to enabling the interrupt. The proper
sequence is described in Section 7.2
.
Figure 8-1 shows the structure of the interrupt logic.
Figure 8-1. Interrupt Structure
RTCC
WKED_B
WKED_B
WKPND_B
WKPND_B
From MODE
(MODE = 09)
OPTION
RTE_IE
WKEN_B
1 = Ext. Interrupt through Port B
0 = Power Down Mode, no Ext. Interrupt
STATUS
Port B PIN
Interrupt
PC
Interrupt Stack
PC
000
Overflow
Register
PD bit
From MODE
(MODE = 0A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com