Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX20AC75 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SX20AC75
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX20AC75 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SX20AC75 Datasheet HTML 6Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 7Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 8Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 9Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 10Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 11Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 12Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 13Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 10 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
PLP_A, PLP_B, and PLP_C: Pullup Enable Registers
(MODE=0Eh)
Each register bit determines whether an internal pullup
resistor is connected to the pin. Set the bit to 1 to discon-
nect the pullup resistor or clear the bit to 0 to connect the
pullup resistor.
LVL_A, LVL_B, and LVL_C: Input Level Registers
(MODE=0Dh)
Each register bit determines the voltage levels sensed on
the input port, either TTL or CMOS, when the Schmitt
trigger option is disabled. Program each bit according to
the type of device that is driving the port input pin. Set the
bit to 1 for TTL or clear the bit to 0 for CMOS.
ST_B and ST_C: Schmitt Trigger Enable Registers
(MODE=0Ch)
Each register bit determines whether the port input pin
operates with a Schmitt trigger. Set the bit to 1 to disable
Schmitt trigger operation and sense either TTL or CMOS
voltage levels; or clear the bit to 0 to enable Schmitt trig-
ger operation.
WKEN_B: Wakeup Enable Register (MODE=0Bh)
Each register bit enables or disables the Multi-Input
Wakeup/Interrupt (MIWU) function for the corresponding
Port B input pin. Clear the bit to 0 to enable MIWU opera-
tion or set the bit to 1 to disable MIWU operation. For
more information on using the Multi-Input Wakeup/Inter-
rupt function, see Section 7.0.
WKED_B: Wakeup Edge Register (MODE=0Ah)
Each register bit selects the edge sensitivity of the Port B
input pin for MIWU operation. Clear the bit to 0 to sense
rising (low-to-high) edges. Set the bit to 1 to sense falling
(high-to-low) edges.
WKPND_B: Wakeup Pending Bit Register
(MODE=09h)
When you access the WKPND_B register using MOV
!RB,W, the CPU does an exchange between the contents
of W and WKPND_B. This feature lets you read the
WKPND_B register contents. Each bit indicates the sta-
tus of the corresponding MIWU pin. A bit set to 1 indi-
cates
that
a
valid
edge
has
occurred
on
the
corresponding MIWU pin, triggering a wakeup or inter-
rupt. A bit set to 0 indicates that no valid edge has
occurred on the MIWU pin.
CMP_B: Comparator Register (MODE=08h)
When you access the CMP_B register using MOV
!RB,W, the CPU does an exchange between the contents
of W and CMP_B. This feature lets you read the CMP_B
register contents. Clear bit 7 to enable operation of the
comparator. Clear bit 6 to place the comparator result on
the RB0 pin. Bit 0 is a result bit that is set to 1 when the
voltage on RB2 is greater than RB1, or cleared to 0 oth-
erwise. (For more information using the comparator, see
Section 11.0.)
3.2.3 Port Configuration Upon Reset
Upon reset, all the port control registers are initialized to
FFh. Thus, each pin is configured to operate as a high-
impedance input that senses TTL voltage levels, with no
internal pullup resistor connected. The MODE register is
initialized to 0Fh, which allows immediate access to the
data direction registers using the “MOV !rx,W” instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com