Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS8083APZP Datasheet(PDF) 45 Page - Texas Instruments

Part # THS8083APZP
Description  TRIPLE 8 BIT 80 MSPS 3.3V VIDEO AND GRAPHICS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083APZP Datasheet(HTML) 45 Page - Texas Instruments

Back Button THS8083APZP Datasheet HTML 41Page - Texas Instruments THS8083APZP Datasheet HTML 42Page - Texas Instruments THS8083APZP Datasheet HTML 43Page - Texas Instruments THS8083APZP Datasheet HTML 44Page - Texas Instruments THS8083APZP Datasheet HTML 45Page - Texas Instruments THS8083APZP Datasheet HTML 46Page - Texas Instruments THS8083APZP Datasheet HTML 47Page - Texas Instruments THS8083APZP Datasheet HTML 48Page - Texas Instruments THS8083APZP Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
5–1
5 Electrical Specifications
Electrical specifications over recommended operating conditions with Fs = 80 MSPS (unless otherwise noted)
5.1
Definition of Test Conditions
3.6
µs
800 mVPP
1/60 kHz = 16.6
µs
Figure 5–1. Input Test Waveform
Test condition SYSTEM_INTREF refers to:
All supplies at 3.3 V
XTL1_MCLK & XTL2 connected at 14.31818 MHz
No power downs enabled
XGA at 75-Hz operation mode, internal clock, clamping enabled, internal clamp timing, coarse and fine
PGAs at midscale, bottom-level clamping, clamp code at midscale, 24-bit output mode
Identical ac-coupled 0.8 Vpp ramp-shape input on all 3 channels at 60.0-kHz line rate, as shown in
Figure 5–1
Use of internal bandgap and voltage references
Test condition PLL refers to:
SYSTEM_INTREF, with an input signal other than the ramp-shape input test waveform of Figure 5–1.
Test condition ADC_INTREF refers to:
All supplies at 3.3 V
Use of internal bandgap and voltage references
Use of external ADCCLK clock (SEL_ADCCLK = 1), driven at 81.92 MHz
No power downs enabled
Identical ac-coupled, 0.8 Vpp ramp-shape input on all three channels at 60.0-kHz line rate, as shown in
Figure 5–1
Test condition ADC_EXTREF refers to:
ADC_INTREF, except: PWDN_BGAP = PWDN_REF = 1, VMID and VREFTO/BO driven from an external
source at nominal levels
Test condition ADC_PWDN refers to:
ADC_INTREF, except: PWDN_ALL = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com