Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS8083APZP Datasheet(PDF) 18 Page - Texas Instruments

Part # THS8083APZP
Description  TRIPLE 8 BIT 80 MSPS 3.3V VIDEO AND GRAPHICS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083APZP Datasheet(HTML) 18 Page - Texas Instruments

Back Button THS8083APZP Datasheet HTML 14Page - Texas Instruments THS8083APZP Datasheet HTML 15Page - Texas Instruments THS8083APZP Datasheet HTML 16Page - Texas Instruments THS8083APZP Datasheet HTML 17Page - Texas Instruments THS8083APZP Datasheet HTML 18Page - Texas Instruments THS8083APZP Datasheet HTML 19Page - Texas Instruments THS8083APZP Datasheet HTML 20Page - Texas Instruments THS8083APZP Datasheet HTML 21Page - Texas Instruments THS8083APZP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
2–4
2.3.1
Implementation When Using Channel 1 Sync Slicing From Ch1 as Selected by CS_SEL,
or on Prerevision A Silicon
To support sync-on-Y/sync-on-G extraction, users should provide an external dc biasing to the Y/G channel. This can
be done by establishing a dc clamp through a diode with its cathode connected to the ac-coupling capacitor (at the
side of the THS8083A) on the AGY channel and its anode connected to a dc level. Since the slicing level is
approximately 1.35 V and the sync amplitude is –300 mV, the negative sync-tip should be clamped by the diode to
a level of approximately 1.2 V. For example, using a Schottky switching diode (type 1N5711) with a maximum low
forward voltage drop of 0.4 V, the dc level at the anode can be approximately 1.6 V. This level can be derived through
a resistive voltage divider off the power supply.
2.4
Programmable Gain Amplifier (PGA)
Each video channel is passed through a programmable gain amplifier, to provide a full-scale signal to each A/D. The
user can change this gain via register programming. A gain change becomes effective immediately.
The range of the PGA is such that an input ac range from 0.4 Vpp to 1.2 Vpp can be scaled to ADC full scale, by
maximum gain and minimum gain settings respectively.
The PGA is split into a 6-bit coarse gain control and 5-bit fine gain control. Their combination leads to a PGA resolution
of better than 1 LSB on the ADC output code.
The bandwidth of the PGA is by design constant, resulting in a constant analog video input bandwidth.
The coarse PGA, with its 64 settings, covers a 4/3 x to 4x gain change, used for a 0.4 V (0.4 Vpp
× 4 = 1.6 Vpp)
respectively 1.2 Vpp (1.2 Vpp
× 4/3 = 1.6 Vpp) input range swing.
While an amplifier with variable gain implements the coarse PGA, the fine PGA is implemented by slightly changing
the top and bottom reference levels that are also independently controllable for each ADC channel. The fine range,
with its 32 settings, covers a range of 16 LSBs.
The fine and coarse PGA settings can be combined into a single PGA gain formula as follows:
GAIN = (4/3 + C/24)(1 + (F–15)/512)
Where C is the coarse gain setting (0..63) and F the fine gain setting (0..31).
2.5
A/D Converter
The A/D converter’s switched-capacitor single-pipeline CMOS architecture combines excellent signal-to-noise
characteristics with a very wide 3-dB analog input bandwidth of typically 500 MHz. The A/D block contains an internal
reference voltage generator, providing stable bottom and top references derived from an internal bandgap reference.
The reference voltages are made available externally. The THS8083A supports both dc and ac-coupled inputs
(clamping disabled). With dc-coupling, available external references can be used to level-shift the input signal.
The A/D converter is assured up to 80 MSPS with no missing codes. The sampling clock of the A/D converter is either
externally fed or internally generated by the PLL.
2.6
PLL
The PLL is a fully contained functional block consisting of:
An analog PLL operating at a fixed output frequency of N times the master (crystal) clock frequency
A digital PLL containing a digital phase-frequency detector (PFD), a discrete time oscillator (DTO), a digital
loop filter, a feedback divider, a programmable clock output divider, and a programmable phase shifter
2.6.1
Analog PLL
The analog PLL generates a high-frequency internal clock used by the DTO in the digital PLL to derive the pixel output
frequency with programmable phase. The reference signal for this PLL is the master clock frequency supplied on the
XTL1-MCLK terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com