Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX20AC75-I/TQ Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # SX20AC75-I/TQ
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX20AC75-I/TQ Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button SX20AC75-I/TQ Datasheet HTML 30Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 31Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 32Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 33Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 34Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 35Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 36Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 37Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 34 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
15.13
Comparison and Conditional Branch
Instructions
The instruction set includes instructions such as DECSZ
fr (decrement file register and skip if zero), INCSZ fr
(increment file register and skip if zero), SNB bit (bit test
file register and skip if bit clear), and SB bit (bit test file
register and skip if bit set). These instructions will cause
the next instruction to be skipped if the tested condition is
true. If a skip instruction is immediately followed by a
PAGE or BANK instruction (and the tested condition is
true) then two instructions are skipped and the operation
consumes three cycles. This is useful for conditional
branching to another page where a PAGE instruction pre-
cedes a JMP. If several PAGE and BANK instructions
immediately follow a skip instruction then they are all
skipped plus the next instruction and a cycle is consumed
for each.
15.14
Logical Instruction
The instruction set contain a full complement of the logi-
cal instructions (AND, OR, Exclusive OR), with the W
register and a selected memory location (using either
direct or indirect addressing) serving as the two oper-
ands.
15.15
Shift and Rotate Instructions
The instruction set includes instructions for left or right
rotate-through-carry.
15.16
Complement and SWAP
The device can perform one’s complement operation on
the file register (fr) and W register. The MOV W,<>fr
instruction performs nibble-swap on the fr and puts the
value into the W register.
15.17
Key to Abbreviations and Symbols
Symbol
Description
W
Working register
fr
File register (memory-mapped register in the
range of 00h to FFh)
PC
Lower eight bits of program counter (file regis-
ter 02h)
STATUS
STATUS register (file register 03h)
FSR
File Select Register (file register 04h)
C
Carry bit in STATUS register (bit 0)
DC
Digit Carry bit in STATUS register (bit 1)
Z
Zero bit in STATUS register (bit 2
PD
Power Down bit in STATUS register (bit 3)
TO
Watchdog Timeout bit in STATUS register (bit
4)
PA2:PA0
Page select bits in STATUS register (bits 7:5)
OPTION
OPTION register (not memory-mapped)
WDT
Watchdog Timer register (not memory-
mapped)
MODE
MODE register (not memory-mapped)
rx
Port control register pointer (RA, RB, or RC)
!
Non-memory-mapped register designator
f
File register address bit in opcode
k
Constant value bit in opcode
n
Numerical value bit in opcode
b
Bit position selector bit in opcode
.
File register / bit selector separator in assem-
bly language instruction
#
Immediate literal designator in assembly lan-
guage instruction
lit
Literal value in assembly language instruction
addr8
8-bit address in assembly language instruction
addr9
9-bit address in assembly language instruction
addr12
12-bit address in assembly language instruc-
tion
/
Logical 1’s complement
|
Logical OR
^
Logical exclusive OR
&
Logical AND
<>
Swap high and low nibbles (4-bit segments)
<<
Rotate left through carry bit
>>
Rotate right through carry bit
- -
Decrement file register
++
Increment file register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com