Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX20AC75-I/TQ Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # SX20AC75-I/TQ
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX20AC75-I/TQ Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button SX20AC75-I/TQ Datasheet HTML 37Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 38Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 39Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 40Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 41Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 42Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 43Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 44Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 41 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
17.3
AC Characteristics
SX18/20/28AC (Temp Range: 0
°C
<= Ta <= +70°C) and SX18/20/28AC-I (Temp Range: -40°C <= Ta <= +85°C)
Note:Data in the Typical (“TYP”) column is at 5V, 25
°C unless otherwise stated.
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Fosc
External CLKIN Frequency
DC
-
4.0
10
24
50
32
1.0
MHz
MHz
MHz
MHz
KHz
MHz
RC
XT1
XT2
HS1/HS2/HS3
LP1
LP2
Oscillator Frequency
DC
0.032
1.0
1.0
DC
0.032
-
4.0
10.0
24.0
50
32
1.0
MHz
MHz
MHz
MHz
KHz
MHz
RC
XT1
XT2
HS1/HS2/HS3
LP1
LP2
Tosc
External CLKIN Period
250
100
41.7
20
31.25
1.0
-
-
ns
ns
ns
ns
µs
µs
RC
XT1
XT2
HS1/HS2/HS3
LP1
LP2
Oscillator Period
250
0.1
41.7
20
31.25
1.0
-
-
31.25
1000.0
1000.0
-
31.25
ns
µs
ns
ns
µs
µs
RC
XT1
XT2
HS1/HS2/HS3
LP1
LP2
TosL, TosH
Clock in (OSC1) Low or High Time
50
8.0
2.0
-
-
ns
ns
µs
XT1/XT2
HS1/HS2/HS3
LP1/LP2
TosR, TosF
Clock in (OSC1) Rise or Fall Time
-
-
25
25
50
ns
ns
µs
XT1/XT2
HS1/HS2/HS3
LP1/LP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com