Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX20AC75-I/TQ Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SX20AC75-I/TQ
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX20AC75-I/TQ Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SX20AC75-I/TQ Datasheet HTML 2Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 3Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 4Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 5Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 6Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 7Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 8Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 9Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 6 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
2.3
Part Numbering
Table 2-1. Ordering Information
Device
Pins
I/O
Operating
Frequency (MHz)
EE/Flash
(Words)
RAM
(Bytes)
Operating
Temp. (
°C)
SX18AC/SO
SX18AC-I/SO
SX18AC75/SO
18
18
18
12
12
12
50
50
75
2K
2K
2K
136
136
136
0
°C to +70°C
-40
°C to +85°C
0
°C to +70°C
SX18AC/DP
SX18AC-I/DP
SX18AC75/DP
18
18
18
12
12
12
50
50
75
2K
2K
2K
136
136
136
0
°C to +70°C
-40
°C to +85°C
0
°C to +70°C
SX20AC/SS
SX20AC-I/SS
SX20AC75/SS
20
20
20
12
12
12
50
50
75
2K
2K
2K
136
136
136
0
°C to +70°C
-40
°C to +85°C
0
°C to +70°C
SX28AC/SO
SX28AC-I/SO
SX28AC75/SO
28
28
28
20
20
20
50
50
75
2K
2K
2K
136
136
136
0
°C to +70°C
-40
°C to +85°C
0
°C to +70°C
SX28AC/DP
SX28AC-I/DP
SX28AC75/DP
28
28
28
20
20
20
50
50
75
2K
2K
2K
136
136
136
0
°C to +70°C
-40
°C to +85°C
0
°C to +70°C
SX28AC/SS
SX28AC-I/SS
SX28AC75/SS
28
28
28
20
20
20
50
50
75
2K
2K
2K
136
136
136
0
°C to +70°C
-40
°C to +85°C
0
°C to +70°C
Figure 2-1. Part Number Reference Guide
SX18ACXX-I/SO
Package Type
Extended Temperature
Memory Size
Feature Set
Pin Count
SceniX
A =
512 word
B =
1k word
C =
2k word
D =
4k word
Speed
Blank =
50 MHz
75 =
75 MHz
100 =
100 MHz
DP =
DIP
SO =
SOP
SS =
SSOP
TQ =
Tiny PQFP
PQ =
PQFP
Blank =
0°C to +70°C
I =
-40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com