Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34C60 Datasheet(PDF) 13 Page - SMSC Corporation

Part # 34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

34C60 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button 34C60 Datasheet HTML 9Page - SMSC Corporation 34C60 Datasheet HTML 10Page - SMSC Corporation 34C60 Datasheet HTML 11Page - SMSC Corporation 34C60 Datasheet HTML 12Page - SMSC Corporation 34C60 Datasheet HTML 13Page - SMSC Corporation 34C60 Datasheet HTML 14Page - SMSC Corporation 34C60 Datasheet HTML 15Page - SMSC Corporation 34C60 Datasheet HTML 16Page - SMSC Corporation 34C60 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
SMSC DS – PPC34C60
Page 13
Rev. 06/01/2001
ADVANCED INFORMATION
3 DAISY CHAIN COMMAND PROTOCOL
The daisy chain protocol is used to select the mode of each device and to allow connection of up to eight devices on one
parallel port. The daisy chain commands use the Multiport Access Protocol (MAP) to access the devices.
The format
of the MAP packets is as follows:
The command byte in the MAP packet represents a code and possibly an address as well. The currently defined codes
are:
(00-07)
(08-0F)
(10-17)
(20-27)
(30)
(40)
(48)
(50-57)
(58-5F)
(D0-D7)
(E0-E7)
0000 0aaa
0000 1aaa
0001 0aaa
0010 0aaa
0011 xxxx
0100 0xxx
0100 1xxx
0101 0aaa
0101 1aaa
1101 0aaa
1110 0aaa
Assign address aaa to the current device
Query Interrupt from device aaa
Query Product ID from device aaa
Select device aaa in EPP mode
De-select all devices
Disable Daisy Chain Interrupts
Enable Daisy Chain Interrupts
Clear Interrupt Latches on device aaa
Set Interrupt Latch on device aaa
Select device aaa in ECP mode
Select device aaa in Compatible Mode - SPP
aaa = Device Address
xxx = Undefined - set to zero
Refer to the Daisy Chain Specification (Reference 3) for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com