Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34C60 Datasheet(PDF) 1 Page - SMSC Corporation

Part # 34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

34C60 Datasheet(HTML) 1 Page - SMSC Corporation

  34C60 Datasheet HTML 1Page - SMSC Corporation 34C60 Datasheet HTML 2Page - SMSC Corporation 34C60 Datasheet HTML 3Page - SMSC Corporation 34C60 Datasheet HTML 4Page - SMSC Corporation 34C60 Datasheet HTML 5Page - SMSC Corporation 34C60 Datasheet HTML 6Page - SMSC Corporation 34C60 Datasheet HTML 7Page - SMSC Corporation 34C60 Datasheet HTML 8Page - SMSC Corporation 34C60 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
SMSC DS – PPC34C60
Rev. 06/01/2001
ADVANCED INFORMATION
Parallel Port Interface Chip - Peripheral Side
FEATURES
Creates PC/AT-Style Bus from Parallel Printer Port
Signals
Single Chip Interface to Any Bus Capable Peripheral
Supports Standard, Bi-Directional, EPP, and ECP
Parallel Ports
Burst Mode for Improved Data Transfer Rates
Adaptive Interface Optimizes Transfer Rates to
Parallel Port Characteristics
Digital Signal Filtering Increases Noise Immunity
Allows Daisy-Chain of up to Eight Peripherals
Including Standard Printer
Provides Interrupt Sharing with Daisy-Chained
Devices
16-Bit Product ID Support
Peripheral Bus Clock Selectable at System Clock /2,
/3, /5, or /6
Interfaces to 8-Bit and/or 16-Bit Peripherals
FIFO Operation Permits Overlapping Parallel Port and
Peripheral Bus Cycles for Maximum Data Transfer
Rate
Flexible DRAM Buffer Support and DMA Capability
Four Output Lines Individually Configurable as Chip
Selects or General Purpose Outputs
Three Output Lines Individually Configurable as
Strobes or General Purpose Outputs
Four Uncommitted Inputs
Watchdog Monitors Host Computer Activity
Low Battery Detect Input
Direct Output for Piezo Transducer
Support for Automatic Power Up/Down
Prevents Host System Latchup with Powerback
Control
On Chip Crystal Oscillator
GENERAL DESCRIPTION
The PPC34C60 provides a means of re-generating an IBM AT style (ISA) bus from the PC printer port signals. In addition
to Standard (Compatible) printer ports, the PPC34C60 supports PS/2 (bi-directional), EPP, and ECP ports. Up to eight
peripherals may be daisy chained between the computer and the printer. Printer operation is unaffected.
The PPC34C60 performs as an intelligent data mux. It multiplexes the printer port signals between the daisy chain
(pass-through) outputs and there-generated ISA bus. Furthermore, it handles breaking up 8- and 16-bit ISA data into 4- or
8-bit chunks for the parallel port.
The PPC34C60 also provides a piezo transducer driver for battery-powered systems. The transducer will signal low battery
with two repeated beeps. If the cable to the computer is disconnected, or if the host is dormant for about a minute, the
transducer will signal inactivity with four beeps. Additionally, a power-down signal can be provided to external circuitry to
automatically shut down system power during inactivity.
PPC34C60


Similar Part No. - 34C60

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
34C RENESAS-34C Datasheet
539Kb / 57P
RENESAS MCU
logo
Infineon Technologies A...
34CN10N INFINEON-34CN10N Datasheet
860Kb / 12P
N-channel, normal level
Rev. 1.091 2013-07-25
logo
Grayhill, Inc
34CWSP12B4M2RT GRAYHILL-34CWSP12B4M2RT Datasheet
201Kb / 4P
Sub-Miniature Toggle Switches
More results

Similar Description - 34C60

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5L8255AP-5 MITSUBISHI-M5L8255AP-5 Datasheet
1Mb / 18P
PROGRAMMABLE PERIPHERAL INTERFACE
logo
Motorola, Inc
MC6821 MOTOROLA-MC6821 Datasheet
1Mb / 10P
PERIPHERAL INTERFACE ADAPTER
logo
Toshiba Semiconductor
TMP8255A TOSHIBA-TMP8255A Datasheet
685Kb / 19P
PROGRAMMABLE PERIPHERAL INTERFACE
logo
List of Unclassifed Man...
EF6821 ETC-EF6821 Datasheet
603Kb / 12P
PERIPHERAL INTERFACE ADAPTER
logo
National Semiconductor ...
INS8255N NSC-INS8255N Datasheet
255Kb / 12P
PROGRAMMABLE PERIPHERAL INTERFACE
logo
NEC
UPD8255A NEC-UPD8255A Datasheet
363Kb / 9P
PROGRAMMABLE PERIPHERAL INTERFACE
logo
National Semiconductor ...
1NS8255 NSC-1NS8255 Datasheet
258Kb / 12P
Programmable Peripheral Interface
logo
List of Unclassifed Man...
SMC34C60 ETC1-SMC34C60 Datasheet
3Mb / 74P
PARALLEL PORT INTERFACE CHIP-PERIPHERAL SIDE
logo
Digital Core Design
D8255 DCD-D8255 Datasheet
125Kb / 4P
Programmable Peripheral Interface
logo
Renesas Technology Corp
R1EX25512ATA00A RENESAS-R1EX25512ATA00A Datasheet
566Kb / 21P
Serial Peripheral Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com