Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34C60 Datasheet(PDF) 9 Page - SMSC Corporation

Part # 34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

34C60 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button 34C60 Datasheet HTML 5Page - SMSC Corporation 34C60 Datasheet HTML 6Page - SMSC Corporation 34C60 Datasheet HTML 7Page - SMSC Corporation 34C60 Datasheet HTML 8Page - SMSC Corporation 34C60 Datasheet HTML 9Page - SMSC Corporation 34C60 Datasheet HTML 10Page - SMSC Corporation 34C60 Datasheet HTML 11Page - SMSC Corporation 34C60 Datasheet HTML 12Page - SMSC Corporation 34C60 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
SMSC DS – PPC34C60
Page 9
Rev. 06/01/2001
ADVANCED INFORMATION
DESCRIPTION OF PIN FUNCTIONS
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
46
Terminal Count
TC
O8
This active high output is asserted with
the last DMA data transfer to indicate to
the System that the DMA data transfer is
complete. TC is asserted in conjunction
with DACK.
47
DMA Request
DREQ
I, PD
The remote system indicates that it is
ready to perform DMA transfers by
driving this line high.
This signal is
asserted as long as the System is ready
to receive or send data and is deasserted
on the last byte of the data transfer.
MISCELLANEOUS
39
nWatchdog Enable nWDOGEN
I, PU
Pulling
this
line
low enables
the
watchdog. The watchdog will generate
four beeps on the piezo driver if there are
no transitions on the host port lines for a
minute.
This
circuitry
can
also
automatically power down the system
when the watchdog "barks". This feature
requires software to tickle the port every
30 seconds.
34
nReset Chip
nRESET
I, PU
Pulling this line low for two SYSCLKs will
reset the PPC34C60 to its initial state.
This will reset all internal registers to their
default values.
35
nLow
Battery
Indicator
nLBAT
I, PU
A low level on this input line signals that
the battery power is low and the
PPC34C60 will generate low battery
tones.
It is the responsibility of the
remote system to monitor battery power
and generate this input signal.
82,83,
37,36
General
Purpose
Inputs [0:3]
IN[0:3]
I, PU
The host may obtain the level at these
pins by reading the Internal Input
Register.
38
Piezo Crystal Drive PIEZO
O24
This high current output can be directly
hooked up to a piezo speaker to provide
audio tones.
44,43, 42 nStrobes[0:2]
(special function)
nST[0:2]
O8
These pins are individually configured as
general purpose outputs or as strobe
outputs as programmed in the Output
Configuration Register. ST2 may also be
programmed as the Auto-Power pin.
84-87
nChip Selects[0:3]
(special function)
nCS[0:3]
O8
These pins are individually configured as
general purpose outputs or as chip select
outputs as programmed in the Output
Configuration Register.
32
31
Oscillator Input
Oscillator Output
YIN
YOUT
I
08
A parallel resonant crystal or RC network
may be placed across YIN and YOUT.
This nominal 32KHz clock (32.768KHz) is
used by the internal piezo driver and
watchdog timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com