| Electronic Components Datasheet Search |
|
P83C366BDR Datasheet(PDF) 56 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P83C366BDR Datasheet(HTML) 56 Page - NXP Semiconductors |
|
56 / 92 page ![]() 1999 Mar 10 56 Philips Semiconductors Product specification Microcontrollers for PAL/SECAM TV with OSD and VST P8xCx66 family 17.5.1.3 Space code 1 and Space code 2 If bits <11-5> hold 7FH, then this is a space code. One of two space codes can be selected: Space code 1 and Space code 2. Space code 2 always displays a transparent pattern, equal to one character width, on the screen regardless of which primary mode and sub-mode is selected. Space code 1 only differs from Space code 2 when in the Box shadowing sub-mode. In this mode SP1 displays a 12 × 18 dot matrix pattern filled with the background colour whilst SP2 displays a transparent pattern. See Figs 37 and 38. Selection of a specific space code is determined by the state of bit 0 as detailed in Table 69. Table 69 Selection of Space code Bits <4-1> determine the background colour of the characters that follow the space code dependent upon the sub-mode selected, see Figs 35 and 36. BIT 0 SPACE CODE 0 Space code 1 is selected. 1 Space code 2 is selected. • In North-West shadowing sub-mode the background colour is the colour of the bit pattern shadow • In Box shadowing sub-mode the background colour is the colour within the character 12 × 18 dot matrix where no foreground character bits are present • In the Superimpose sub-mode there is no background colour • In the Border shadowing sub-mode the background colour is the colour of the border bit pattern. 17.5.1.4 Summary of CR, SP1 and SP2 functions • Carriage Return code: – Ends the current display row and uses the character in the display RAM next to this CR code as the first character of next display row – Selects the character size of next display row – Selects the character sub-mode of next display row – Indicates the end of display for present screen. • Space code 1 and Space code 2: – Inserts transparent pattern in a row of characters – Selects the background colour of the characters following this space code. Table 70 Format of Character font code Table 71 Format of Carriage Return code Table 72 Format of Space code 11 10 9876543210 Character Font code (00H to 7CH) Foreground colour Blink C6 C5 C4 C3 C2 C1 C0 T4 T3 T2 T1 T0 11 10 9876543210 Carriage Return code (7EH) Character size Mode End C6 C5 C4 C3 C2 C1 C0 T4 T3 T2 T1 T1 11 10 9876543210 Space code 1 and Space code 2 (7FH) Background colour 0 SP1 SP2 C6 C5 C4 C3 C2 C1 C0 T4 T3 T2 T1 T0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |