| Electronic Components Datasheet Search |
|
P83C366BDR Datasheet(PDF) 29 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P83C366BDR Datasheet(HTML) 29 Page - NXP Semiconductors |
|
29 / 92 page ![]() 1999 Mar 10 29 Philips Semiconductors Product specification Microcontrollers for PAL/SECAM TV with OSD and VST P8xCx66 family 11.10 VSYNC interrupt and level status bit The SFR VINT is read-only. Figure 13 shows the timing diagram of VSYNC interrupt. Table 33 VSYNC Interrupt Register (SFR address C9H) Table 34 Description of VINT bits 11.10.1 EXTERNAL INTERRUPT REQUEST (IQ7) A rising or falling edge (see Fig.13) of the active VSYNC signal generates a pending interrupt to the CPU and drives IQ7 HIGH (IQ7 resides in the SFR IRQ1). In the service routine, this bit should be cleared before return to main routine. As long as this bit is HIGH a pending interrupt is always there. Each time VSYNC is activated by a rising or falling edge, IQ7 is set HIGH. If the interrupt is not serviced before the next leading VSYNC edge, then IQ7 is written HIGH again and no error of overrun is indicated. 76543210 −−−−−−− VLVL BIT SYMBOL DESCRIPTION 7to1 − These 7 bits are not used. 0 VLVL VSYNC input pin level. The state of this bit indicates the level of the VSYNC input. As the input polarity of VSYNC is programmable two situations may be defined. If VSYNC is programmed active HIGH then: VLVL = 0, means VSYNC is at a LOW level, i.e. raster scan period VLVL = 1, means VSYNC is at HIGH level, i.e.vertical fly-back period. If VSYNC is programmed to active LOW then: VLVL = 0, means VSYNC is at LOW level, i.e. vertical fly-back period VLVL = 1, means VSYNC is at HIGH level, i.e. raster scan period Fig.13 Timing diagram of VSYNC interrupt. handbook, full pagewidth VSYNC VSYNC VSYNC active LOW (Vp = 0) VSYNC active HIGH (Vp = 1) MGL286 The falling edge of VSYNC generates interrupt The rising edge of VSYNC generates an interrupt |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |