Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P83C366BDR Datasheet(PDF) 80 Page - NXP Semiconductors

Part # P83C366BDR
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C366BDR Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button P83C366BDR Datasheet HTML 76Page - NXP Semiconductors P83C366BDR Datasheet HTML 77Page - NXP Semiconductors P83C366BDR Datasheet HTML 78Page - NXP Semiconductors P83C366BDR Datasheet HTML 79Page - NXP Semiconductors P83C366BDR Datasheet HTML 80Page - NXP Semiconductors P83C366BDR Datasheet HTML 81Page - NXP Semiconductors P83C366BDR Datasheet HTML 82Page - NXP Semiconductors P83C366BDR Datasheet HTML 83Page - NXP Semiconductors P83C366BDR Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 92 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MGM676
tOZ
High Z
tACC(OE)
VDDP
(power supply)
D0 to D7
A0 to Axx
address
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
tW(P)
th(WE)
th(A)
tsu(A)
th(D)
tsu(D)
tsu(PV)
tsu(OE)
tW(OE)
VPP
(program voltage)
data out
VIH
VIL
address valid
programming
verify
data invalid
data out
WE
OE
Fig.48 Programming waveforms.
VIH and VIL are CMOS levels and are typically 5 V and 0 V respectively.
When OE is HIGH, P0.0 to P0.7 are used as inputs, when OE is LOW, P0.0 to P0.7 are used as outputs.
During programming the power supply must remain at 5 V. During verification the power supply must remain at 5.8 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com