| Electronic Components Datasheet Search |
|
P83C366BDA Datasheet(PDF) 76 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P83C366BDA Datasheet(HTML) 76 Page - NXP Semiconductors |
|
76 / 92 page ![]() This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... Notes 1. Standard 80C51 register. 2. Read only register. C6H Horizontal Delay Register (HDEL) −−−− HDEL3 HDEL2 HDEL1 HDEL0 C7H OSD FB Delay Register (OSFBD) − 0 FBD3 FBD2 FBD1 FBD0 C8H ADC Control Register (SAD) #VHI CH1 CH0 ST SAD3 SAD2 SAD1 SAD0 C9H(1) VSYNC Interrupt Register (VINT) −−−−−−− VLVL CAH ADC Control Register 2 (SAD2) −−−−− ADCE2 ADCE1 ADCE0 CFH OSD Control Register 2 (OSCON2) −−− 0R G B − D0H(1) Program Status Word (PSW) #CY #AC #F0 RS1 RS0 #OV − #P D2H TDACL TD7 TD6 TD5 TD4 TD3 TD2 TD1 TD0 D3H TDACH TPWME − TD13 TD12 TD11 TD10 TD9 TD8 D8H Serial Control Register (S1CON) CR2 ENS1 STA STO SI AA CR1 CR0 D9H(2) Status Register (S1STA) SC4 SC3 SC2 SC1 SC0 0 0 0 DAH Data Shift Register (S1DAT) D7 D6 D5 D4 D3 D2 D1 D0 DBH Slave Address Register (S1ADR) SLA6 SLA5 SLA4 SLA3 SLA2 SLA1 SLA0 GC DCH(2) Internal Status Register (S1IST) MST4 TX BB FB ARL SEL AD0 SHRA E0H(1) Accumulator (ACC) ACC7 ACC6 ACC5 ACC4 ACC3 ACC2 ACC1 ACC0 E4H PWM0 (7-bit PWM) PWM0E data6 data5 data4 data3 data2 data1 data0 E5H PWM1 (7-bit PWM) PWM1E data6 data5 data4 data3 data2 data1 data0 E6H PWM2 (7-bit PWM) PWM2E data6 data5 data4 data3 data2 data1 data0 E7H PWM3 (7-bit PWM) PWM3E data6 data5 data4 data3 data2 data1 data0 E8H(1) Interrupt Enable Register 1 (IEN1) EX9 − EX7 EX6 EX5 EX4 EX3 EX2 E9H(1) Interrupt Polarity Register (IX1) IL9 IL8 IL7 IL6 IL5 IL4 IL3 IL2 ECH PWM4 (7-bit PWM) PWM4E data6 data5 data4 data3 data2 data1 data0 EDH PWM5 (7-bit PWM) PWM5E data6 data5 data4 data3 data2 data1 data0 EEH PWM6 (7-bit PWM) PWM6E data6 data5 data4 data3 data2 data1 data0 EFH PWM7 (7-bit PWM) PWM7E data6 data5 data4 data3 data2 data1 data0 F0H(1) B Register (B) B7 B6 B5 B4 B3 B2 B1 B0 F8H Interrupt Priority Register 1 (IP1) PX9 − PX7 PX6 PX5 PX4 PX3 PX2 FFH Watchdog timer Register (WDT) T37 T36 T35 T34 T33 T32 T31 T30 ADDRESS NAME 76543210 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |