Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P83C366BDA Datasheet(PDF) 27 Page - NXP Semiconductors

Part # P83C366BDA
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C366BDA Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button P83C366BDA Datasheet HTML 23Page - NXP Semiconductors P83C366BDA Datasheet HTML 24Page - NXP Semiconductors P83C366BDA Datasheet HTML 25Page - NXP Semiconductors P83C366BDA Datasheet HTML 26Page - NXP Semiconductors P83C366BDA Datasheet HTML 27Page - NXP Semiconductors P83C366BDA Datasheet HTML 28Page - NXP Semiconductors P83C366BDA Datasheet HTML 29Page - NXP Semiconductors P83C366BDA Datasheet HTML 30Page - NXP Semiconductors P83C366BDA Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 92 page
background image
1999 Mar 10
27
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
11.8
Interrupt Polarity Register (IX1)
Writing a logic 1 to bits IL9, IL6, IL5, IL4, IL3 and IL2 will set the polarity level of the corresponding external interrupt to
be active HIGH. Writing a logic 0 to these bits will set the corresponding external interrupt to be active LOW.
External interrupts INT1 and INT0 however can be programmed to be edge sensitive. Writing a logic 1 to bits IL8 and IL7
will activate the external interrupts INT1 and INT0 on a rising edge (LOW-to-HIGH). Writing a logic 0 to bits IL8 and IL7
will activate the external interrupts INT1 and INT0 on a falling edge (HIGH-to-LOW). This feature is useful for pulse width
measurement; see Section 11.8.1.
Table 29 Interrupt Polarity Register (SFR address E9H)
Table 30 Description of IX1 bits
11.8.1
PULSE WIDTH MEASUREMENT EXAMPLE
To determine the LOW time of a signal on the external interrupt pin INT0 the following sequence should be followed.
1. External interrupt 0 must be programmed to edge sensitivity (SFR TCON, address 88H).
2. IL7 must be programmed as shown in Fig.12.
3. The value held in Timer 0 or Timer 1 represents the pulse width of the signal on the INT0 pin.
76543210
IL9
IL8
IL7
IL6
IL5
IL4
IL3
IL2
BIT
SYMBOL
DESCRIPTION
7
IL9
external interrupt 9 polarity level (P1.7 port line)
6
IL8
external interrupt 1 polarity level (INT1) polarity level
5
IL7
external interrupt 0 polarity level (INT0) polarity level
4
IL6
external interrupt 6 polarity level (P1.4 port line)
3
IL5
external interrupt 5 polarity level (P1.3 port line)
2
IL4
external interrupt 4 polarity level (P1.2 port line)
1
IL3
external interrupt 3 polarity level (P1.1 port line)
0
IL2
external interrupt 2 polarity level (P1.0 port line)
Fig.12 Pulse width measurement timing diagram.
handbook, full pagewidth
INT0
IL7
INT0(CPU)
Start interrupt service
routine to start counting
system clock periods
with Timer 0 or Timer 1
Start interrupt service
routine to stop counting
of Timer 0 or Timer 1
MGL295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com