| Electronic Components Datasheet Search |
|
P83C366BDA Datasheet(PDF) 28 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P83C366BDA Datasheet(HTML) 28 Page - NXP Semiconductors |
|
28 / 92 page ![]() 1999 Mar 10 28 Philips Semiconductors Product specification Microcontrollers for PAL/SECAM TV with OSD and VST P8xCx66 family 11.9 Interrupt Request Flag Register (IRQ1) Bits IQ9 and IQ6 to IQ2 will be set to a logic 1, if one of the two conditions specified below is met: • If its associated port line is programmed to generate an interrupt when HIGH (selected using the Interrupt Polarity Register) and the state of that port line is HIGH • If its associated port line is programmed to generate an interrupt when LOW (selected using the Interrupt Polarity Register) and the state of that port line is LOW. IQ7 is set to a logic 1, if the interrupt condition is met within the corresponding derivative function. Therefore, all IRQ1 bits serve not only as pending interrupt request bits but also as interrupt status bits. This means that even if the external interrupts are disabled (using the Interrupt Enable Register 1) the IRQ1 bits can still be set to a logic 1 if the interrupt condition is met within the corresponding derivative function. For example, if the interrupt condition within VSYNC is met then: • If IEN0.7 = X, IEN1.5 = 0 then IRQ1.5 = 1, no pending interrupt to CPU • If IEN0.7 = 0, IEN1.5 = 1 then IRQ1.5 = 1, interrupt to CPU is pending • If IEN0.7 = 1, IEN1.5 = 1 then IRQ1.5 = 1, interrupt will be serviced when either: – The CPU finishes current instruction, if not in the interrupt service routine – The current interrupt service routine is interrupted if the VSYNC has a higher interrupt priority – This VSYNC interrupt becomes pending, waiting until the current higher priority level interrupt is serviced. Bits IQ9 and IQ7 to IQ2 can be reset by software. Table 31 Interrupt Request Flag Register (SFR address C0H) Table 32 Description of IRQ1 bits 76543210 IQ9 − IQ7 IQ6 IQ5 IQ4 IQ3 IQ2 BIT SYMBOL DESCRIPTION 7 IQ9 external interrupt 9 request flag (P1.7 port line) 6 − reserved 5 IQ7 external interrupt 7 request flag (VSYNC interrupt) 4 IQ6 external interrupt 6 request flag (P1.4 port line) 3 IQ5 external interrupt 5 request flag (P1.3 port line) 2 IQ4 external interrupt 4 request flag (P1.2 port line) 1 IQ3 external interrupt 3 request flag (P1.1 port line) 0 IQ2 external interrupt 2 request flag (P1.0 port line) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |