Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS950910 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS950910
Description  Programmable Timing Control Hub for P4
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950910 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS950910 Datasheet HTML 1Page - Integrated Circuit Systems ICS950910 Datasheet HTML 2Page - Integrated Circuit Systems ICS950910 Datasheet HTML 3Page - Integrated Circuit Systems ICS950910 Datasheet HTML 4Page - Integrated Circuit Systems ICS950910 Datasheet HTML 5Page - Integrated Circuit Systems ICS950910 Datasheet HTML 6Page - Integrated Circuit Systems ICS950910 Datasheet HTML 7Page - Integrated Circuit Systems ICS950910 Datasheet HTML 8Page - Integrated Circuit Systems ICS950910 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Integrated
Circuit
Systems, Inc.
ICS950910
0735A—03/18/04
General Description
The ICS950910 is a single chip clock solution for desktop designs using the VIA P4X/P4M/KT/KN266/333 style chipsets with
PC133 or DDR memory.
The ICS950910 is part of a whole new line of ICS clock generators and buffers called TCH™ (Timing Control Hub). This part
incorporates ICS's newest clock technology which offers more robust features and functionality. Employing the use of a
serially programmable I
2C interface, this device can adjust the output clocks by configuring the frequency setting, the output
divider ratios, selecting the ideal spread percentage, the output skew, the output strength, and enabling/disabling each
individual output clock. M/N control can configure output frequency with resolution up to 0.1MHz increment.
Block Diagram
FBOUT
VDD
GND
55
2
Xtal, Ref
5
9
AGP [0:2], CPU digital, CPU PLL
16
13
PCI [0:5], PCI_F outputs
22
19
48MHz, Fix Digital, Fix Analog
23
24
Master clock, CPU Analog
34, 40
33, 39
DDR outputs
50
47
2.5V CPUT/C_CS output
51
54
3.3V CPUT/C & CPUOD_T/C
Pin Number
Description
Power Groups



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com