Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS950910 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS950910
Description  Programmable Timing Control Hub for P4
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950910 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS950910 Datasheet HTML 1Page - Integrated Circuit Systems ICS950910 Datasheet HTML 2Page - Integrated Circuit Systems ICS950910 Datasheet HTML 3Page - Integrated Circuit Systems ICS950910 Datasheet HTML 4Page - Integrated Circuit Systems ICS950910 Datasheet HTML 5Page - Integrated Circuit Systems ICS950910 Datasheet HTML 6Page - Integrated Circuit Systems ICS950910 Datasheet HTML 7Page - Integrated Circuit Systems ICS950910 Datasheet HTML 8Page - Integrated Circuit Systems ICS950910 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Integrated
Circuit
Systems, Inc.
ICS950910
0735A—03/18/04
Pin Description (Continued)
PIN
PIN
PIN
#
NAME
TYPE
29
DDRC5
OUT
"Complimentary" Clock of differential pair output.
30
DDRT5
OUT
"True" Clock of differential pair output.
31
DDRC4
OUT
"Complimentary" Clock of differential pair output.
32
DDRT4
OUT
"True" Clock of differential pair output.
33
GND
PWR
Ground pin.
34
VDD2.5
PWR
Power supply, nominal 2.5V
35
DDRC3
OUT
"Complimentary" Clock of differential pair output.
36
DDRT3
OUT
"True" Clock of differential pair output.
37
DDRC2
OUT
"Complimentary" Clock of differential pair output.
38
DDRT2
OUT
"True" Clock of differential pair output.
39
GND
PWR
Ground pin.
40
VDD2.5
PWR
Power supply, nominal 2.5V
41
DDRC1
OUT
"Complimentary" Clock of differential pair output.
42
DDRT1
OUT
"True" Clock of differential pair output.
43
DDRC0
OUT
"Complimentary" Clock of differential pair output.
44
DDRT0
OUT
"True" Clock of differential pair output.
45
BUF_IN
IN
Input Buffers for memory outputs.
46
FBOUT
OUT
Memory feed back output.
47
GND
PWR
Ground pin.
48
CPUT_CS
OUT
True clock of differential pair 2.5V push-pull CPU outputs.
49
CPUC_CS
OUT
Complimentary" clocks of differential pair 2.5V push-pull CPU outputs.
50
VDDCPU2.5
PWR
Power pin for the CPUCLKs. 2.5V
51
VDDCPU3.3
PWR
Power pin for the CPUCLKs. 3.3V
52
CPUCLKC/CPUCLKODC
OUT
"Complementary" clocks of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias / "Complementary" clocks of
differential pair CPU outputs. These open drain outputs need an external 1.5V pull-up /
2.5V CPU clock output.
53
CPUCLKT/CPUCLKODT
OUT
"True" clocks of differential pair CPU outputs. These are current mode outputs.
External resistors are required for voltage bias / "True" clocks of differential pair CPU
outputs. These open drain outputs need an external 1.5V pull-up / 2.5V CPU clock
output.
54
GND
PWR
Ground pin.
55
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
56
Vtt_PWRGD#**/REF1
IN
This 3.3V LVTTL input is a level sensitive strobe used to determine when latch inputs
are valid and are ready to be sampled. This is an active low input. / 14.318 MHz
reference clock.
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com