Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS950910 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS950910
Description  Programmable Timing Control Hub for P4
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950910 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS950910 Datasheet HTML 1Page - Integrated Circuit Systems ICS950910 Datasheet HTML 2Page - Integrated Circuit Systems ICS950910 Datasheet HTML 3Page - Integrated Circuit Systems ICS950910 Datasheet HTML 4Page - Integrated Circuit Systems ICS950910 Datasheet HTML 5Page - Integrated Circuit Systems ICS950910 Datasheet HTML 6Page - Integrated Circuit Systems ICS950910 Datasheet HTML 7Page - Integrated Circuit Systems ICS950910 Datasheet HTML 8Page - Integrated Circuit Systems ICS950910 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Integrated
Circuit
Systems, Inc.
ICS950910
0735A—03/18/04
Pin Configuration
Recommended Application:
VIA P4X/P4M/KT/KN266/333 style chipsets.
Output Features:
•
1 - Pair of differential CPU clocks @ 3.3V (CK408)/
1 - Pair of differential open drain CPU clocks (K7)
•
1 - Pair of differential push pull CPU_CS clocks @ 2.5V
•
3 - AGP @ 3.3V
•
7 - PCI @ 3.3V
•
1 - 48MHz @ 3.3V fixed
•
1 - 24_48MHz @ 3.3V
•
2 - REF @ 3.3V, 14.318MHz
Key Specifications:
•
CPU_CS - CPUT/C: <±250ps
•
CPU_CS - AGP: <±250ps
•
CPU - DDR: <±250ps
•
PCI - PCI: <500ps
•
CPU - PCI: Min = 1.0ns, Typ = 2.0ns, Max = 4.0ns
Programmable Timing Control Hub™ for P4™
Frequency Table
0
L
E
S
I
T
L
U
M
t
e
g
r
a
T
d
r
a
o
B
Z
m
r
e
T
/
e
c
a
r
T
,
R
e
c
n
e
r
e
f
e
R
=
f
e
r
I
V
D
D
)
r
R
*
3
(
/
t
u
p
t
u
O
t
n
e
r
r
u
C
Z
@
h
o
V
0s
m
h
o
0
5
,
%
1
1
2
2
=
r
R
A
m
0
0
.
5
=
f
e
r
I
F
E
R
I
*
4
=
h
o
I0
5
@
V
0
.
1
1s
m
h
o
0
5
,
%
1
5
7
4
=
r
R
A
m
2
3
.
2
=
f
e
r
I
F
E
R
I
*
6
=
h
o
I0
5
@
V
7
.
0
Bit7
Bit6
Bit5
Bit4
CPU
AGP
PCI
Spread %
Bit2
FS3
FS2
FS1
FS0
MHz
MHz
MHz
1
0
0
0
0
105.00
70.00
35.00
0.3 % Center Spread
1
0
0
0
1
140.00
70.00
35.00
0.3 % Center Spread
1
0
0
1
0
210.00
70.00
35.00
0.3 % Center Spread
1
0
0
1
1
174.99
70.00
35.00
0.3 % Center Spread
1
0
1
0
0
80.00
53.34
26.66
0.3 % Center Spread
1
0
1
0
1
106.66
53.34
26.66
0.3 % Center Spread
1
0
1
1
0
160.00
53.34
26.66
0.3 % Center Spread
1
0
1
1
1
133.33
53.34
26.66
0.3 % Center Spread
1
1
1
0
0
100.00
66.67
33.33
0.3 % Center Spread
1
1
1
0
1
133.33
66.67
33.33
0.3 % Center Spread
1
1
1
1
0
200.00
66.67
33.33
0.3 % Center Spread
1
1
1
1
1
166.66
66.67
33.33
0.3 % Center Spread
1
1
0
0
0
100.00
66.67
33.33
0 - 0.6% Down Spread
1
1
0
0
1
133.33
66.67
33.33
0 - 0.6% Down Spread
1
1
0
1
0
200.00
66.67
33.33
0 - 0.6% Down Spread
1
1
0
1
1
166.66
66.67
33.33
0 - 0.6% Down Spread
*FS0/REF0 1
56 Vtt_PWRGD#**/REF1
GND 2
55 VDDREF
X1 3
54 GND
X2 4
53 CPUCLKT/CPUCLKODT
VDDAGP 5
52 CPUCLKC/CPUCLKODC
*MODE/AGPCLK0 6
51 VDDCPU3.3
*SEL_408/K7/AGPCLK1 7
50 VDDCPU2.5
*(PCI_STOP#)AGPCLK2 8
49 CPUC_CS
GNDAGP 9
48 CPUT_CS
**FS1/PCICLK_F 10
47 GND
***PCICLK1 11
46 FBOUT
*MULTSEL/PCICLK2 12
45 BUF_IN
GNDPCI 13
44 DDRT0
PCICLK314
43DDRC0
PCICLK415
42DDRT1
VDDPCI 16
41 DDRC1
PCICLK517
40VDD2.5
*(CLK_STOP#)PCICLK6 18
39 GND
GND48 19
38 DDRT2
*FS3/48MHz 20
37 DDRC2
*FS2/24_48MHz 21
36 DDRT3
AVDD48 22
35 DDRC3
VDD 23
34 VDD2.5
GND 24
33 GND
IREF 25
32 DDRT4
*(PD#)RESET# 26
31 DDRC4
SCLK 27
30 DDRT5
SDATA 28
29 DDRC5
56-SSOP
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor
*** A 120k pull-down resistor to GND is needed on this pin.
Features/Benefits:
•
Programmable output frequency.
•
Programmable output divider ratios.
•
Programmable output rise/fall time.
•
Programmable output skew.
•
Programmable spread percentage for EMI control.
•
DDR output buffer supports up to 200MHz.
•
Watchdog timer technology to reset system
if system malfunctions.
•
Programmable watch dog safe frequency.
•
Support I
2C Index read/write and block read/write
operations.
•
Uses external 14.318MHz crystal.


Similar Part No. - ICS950910

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS950910 IDT-ICS950910 Datasheet
218Kb / 21P
Programmable Timing Control Hub??for P4?
ICS950910YFLF-T IDT-ICS950910YFLF-T Datasheet
218Kb / 21P
Programmable Timing Control Hub??for P4?
More results

Similar Description - ICS950910

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
ICS950905 ICST-ICS950905 Datasheet
206Kb / 18P
Programmable Timing Control Hub??for P4?
ICS950908 ICST-ICS950908 Datasheet
279Kb / 22P
Programmable Timing Control Hub??for P4?
ICS950902 ICST-ICS950902 Datasheet
184Kb / 20P
Programmable Timing Control Hub??for P4?
ICS950703 ICST-ICS950703 Datasheet
158Kb / 24P
PROGRAMMABLE TIMING CONTROL HUB FOR P4
ICS950208 ICST-ICS950208 Datasheet
133Kb / 19P
Programmable Timing Control Hub for P4
ICS950211 ICST-ICS950211 Datasheet
183Kb / 21P
Programmable Timing Control Hub for P4
ICS950220 ICST-ICS950220 Datasheet
170Kb / 20P
Programmable Timing Control Hub??for P4?
logo
Integrated Device Techn...
ICS950910 IDT-ICS950910 Datasheet
218Kb / 21P
Programmable Timing Control Hub??for P4?
logo
Integrated Circuit Solu...
ICS950220AFLFT ICSI-ICS950220AFLFT Datasheet
238Kb / 20P
Programmable Timing Control Hub??for P4?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com