Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F464HB Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # MB91F464HB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F464HB Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button MB91F464HB Datasheet HTML 35Page - Cypress Semiconductor MB91F464HB Datasheet HTML 36Page - Cypress Semiconductor MB91F464HB Datasheet HTML 37Page - Cypress Semiconductor MB91F464HB Datasheet HTML 38Page - Cypress Semiconductor MB91F464HB Datasheet HTML 39Page - Cypress Semiconductor MB91F464HB Datasheet HTML 40Page - Cypress Semiconductor MB91F464HB Datasheet HTML 41Page - Cypress Semiconductor MB91F464HB Datasheet HTML 42Page - Cypress Semiconductor MB91F464HB Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 105 page
background image
Document Number: 002-04621 Rev. *A
Page 39 of 105
MB91460H Series
9.4.2 Pin connections in parallel programming mode
Resetting after setting the MD[2:0] pins to [111] will halt CPU functioning. At this time, the Flash memory's interface circuit enables
direct control of the Flash memory unit from external pins by directly linking some of the signals to GP-Ports. Please see table below
for signal mapping.
In this mode, the Flash memory appears to the external pins as a stand-alone unit. This mode is generally set when writing/erasing
using the parallel Flash programmer. In this mode, all operations of the 8.5 Mbits Flash memory's Auto Algorithms are available.
Correspondence between MBM29LV400TC and Flash Memory Control Signals
9.5 Poweron Sequence in parallel programming mode
The flash memory can be accessed in programming mode after a certain wait time, which is needed for Security Vector fetch:
• Minimum wait time after VDD5/VDD5R power on:
2.76 ms
• Minimum wait time after INITX rising:
1.0 ms
MBM29LV400TC
External pins
FR-CPU mode
MB91F464HB
external pins
Comment
Flash memory
mode
Normal function
Pin number
-
INITX
-
INITX
84
RESET
-
FRSTX
GP16_6
70
-
-
MD2
MD2
76
Set to ‘1’
-
-
MD1
MD1
75
Set to ‘1’
-
-
MD0
MD0
74
Set to ‘1’
RY/BY
FMCS:RDY bit
RY/BYX
GP18_2
100
BYTE
Internally fixed to ‘H’
BYTEX
GP16_4
68
WE
Internal control signal +
control via interface
circuit
WEX
GP16_7
71
OE
OEX
GP07_7
3
CE
CEX
GP07_6
2
-
ATDIN
GP18_6
103
Set to ‘0’
-
EQIN
GP18_5
102
Set to ‘0’
-
TESTX
GP16_5
69
Set to ‘1’
-
RDYI
GP18_4
101
Set to ‘0’
A-1
Internal address bus
FA0
GP05_5
17
Set to ‘0’
A0 to A3
FA1 to FA4
GP19_0 to GP19_2,
GP19_4
92 to 95
A4 to A7
FA5 to FA8
GP19_5 to GP19_6,
GP18_0 to GP18_1
96 to 99
A8 to A11
FA9 to FA12
GP06_0 to GP06_3
4 to 7
A12 to A15
FA13 to FA16
GP06_4 to GP06_7
8 to 11
A16 to A18
FA17 to FA19
GP05_0 to GP05_2
12 to 14
A19
FA20
GP05_3
15
Set to ‘1’
DQ0 to DQ7
Internal data bus
DQ0 to DQ7
GP00_0 to GP00_7
28 to 35
DQ8 to DQ15
DQ8 to DQ15
GP01_0 to GP01_7
20 to 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com