Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F464HB Datasheet(PDF) 85 Page - Cypress Semiconductor

Part # MB91F464HB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F464HB Datasheet(HTML) 85 Page - Cypress Semiconductor

Back Button MB91F464HB Datasheet HTML 81Page - Cypress Semiconductor MB91F464HB Datasheet HTML 82Page - Cypress Semiconductor MB91F464HB Datasheet HTML 83Page - Cypress Semiconductor MB91F464HB Datasheet HTML 84Page - Cypress Semiconductor MB91F464HB Datasheet HTML 85Page - Cypress Semiconductor MB91F464HB Datasheet HTML 86Page - Cypress Semiconductor MB91F464HB Datasheet HTML 87Page - Cypress Semiconductor MB91F464HB Datasheet HTML 88Page - Cypress Semiconductor MB91F464HB Datasheet HTML 89Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 105 page
background image
Document Number: 002-04621 Rev. *A
Page 85 of 105
MB91460H Series
Definition of A/D converter terms
• Resolution
Analog variation that is recognizable by the A/D converter.
• Nonlinearity error
Deviation between actual conversion characteristics and a straight line connecting the zero transition point
(00 0000 0000B  00 0000 0001B) and the full scale transition point (11 1111 1110B  11 1111 1111B).
• Differential nonlinearity error
Deviation of the input voltage from the ideal value that is required to change the output code by 1 LSB.
• Total error
This error indicates the difference between actual and theoretical values, including the zero transition error, full
scale transition error, and nonlinearity error.
(Continued)
3FFH
3FEH
3FDH
004H
003H
002H
001H
AVSS5
AVRH
0.5 LSB'
{1 LSB’ (N
- 1) + 0.5 LSB’}
1.5 LSB’
Analog input
Total error
Actual conversion
characteristics
VNT
(measurement
value)
Ideal characteristics
Actual conversion
characteristics
Total error of digital output N =
1 LSB'
VNT - {1 LSB' × (N - 1) + 0.5 LSB'}
N : A/D converter digital output value
VOT' (ideal value) = AVSS5 + 0.5 LSB' [V]
VFST' (ideal value) = AVRH - 1.5 LSB' [V]
VNT : Voltage at which the digital output changes from (N + 1) H to NH
1LSB' (ideal value) =
1024
AVRH - AVSS5
[V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com