Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F464HB Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # MB91F464HB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F464HB Datasheet(HTML) 4 Page - Cypress Semiconductor

  MB91F464HB Datasheet HTML 1Page - Cypress Semiconductor MB91F464HB Datasheet HTML 2Page - Cypress Semiconductor MB91F464HB Datasheet HTML 3Page - Cypress Semiconductor MB91F464HB Datasheet HTML 4Page - Cypress Semiconductor MB91F464HB Datasheet HTML 5Page - Cypress Semiconductor MB91F464HB Datasheet HTML 6Page - Cypress Semiconductor MB91F464HB Datasheet HTML 7Page - Cypress Semiconductor MB91F464HB Datasheet HTML 8Page - Cypress Semiconductor MB91F464HB Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 105 page
background image
Document Number: 002-04621 Rev. *A
Page 4 of 105
MB91460H Series
1. Product Lineup
Feature
MB91FV460B
MB91F464HB
Max. core frequency (CLKB)
100 MHz
100 MHz
Max. resource frequency (CLKP)
50 MHz
50 MHz
Max. external bus frequency (CLKT)
50 MHz
50 MHz
Max. CAN frequency (CLKCAN)
50 MHz
50 MHz
Technology
0.18μm0.18μm
Watchdog
yes
yes
Watchdog (RC osc. based)
yes (disengageable)
yes
Bit Search
yes
yes
Reset input (INITX)
yes
yes
Clock Modulator
yes
yes
Clock Monitor
yes
yes
Low Power Mode
yes
yes
DMA
5 ch
5 ch
MMU/MPU
MPU (16 ch)*1
MPU (8 ch)*1
Flash memory
Internal Flash memory 2112KB +
external emulation SRAM with 64bit read data
416 KByte
Flash Protection
yes
yes
D-RAM
64 KByte
24 KByte
ID-RAM
64 KByte
16 KByte
Flash-Cache (Instruction cache)
16 KByte
8 KByte
Boot-ROM / BI-ROM
16 KByte Boot Flash
+ 1KB Boot ROM
4 KByte
RTC
1 ch
1 ch
Free Running Timer
12 ch
8 ch*2
ICU
10 ch
MD_3 = 0: 8 ch
MD_3 = 1: 4 ch*3
OCU
8 ch
MD_3 = 0: 8 ch
MD_3 = 1: 4 ch*4
Reload Timer
16 ch
8 ch*5
PPG 16-bit
32 ch
MD_3 = 0: 16 ch
MD_3 = 1: 8 ch*6
Sound Generator
1 ch (old) + 1 ch (new)
1 ch (old)
Up/Down Counter (8/16 bit)
4 ch (8-bit) / 2 ch (16-bit)
MD_3 = 0: 2 ch (8-bit) / 1 ch (16bit)
MD_3 = 1: NA*7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com