Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5593R Datasheet(PDF) 12 Page - Analog Devices

Part # AD5593R
Description  Control and monitoring
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5593R Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5593R Datasheet HTML 8Page - Analog Devices AD5593R Datasheet HTML 9Page - Analog Devices AD5593R Datasheet HTML 10Page - Analog Devices AD5593R Datasheet HTML 11Page - Analog Devices AD5593R Datasheet HTML 12Page - Analog Devices AD5593R Datasheet HTML 13Page - Analog Devices AD5593R Datasheet HTML 14Page - Analog Devices AD5593R Datasheet HTML 15Page - Analog Devices AD5593R Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Data Sheet
AD5593R
Rev. B | Page 11 of 33
TYPICAL PERFORMANCE CHARACTERISTICS
ADC CODE
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
1000
2000
3000
4000
Figure 6. ADC INL; VDD = 5.5 V
ADC CODE
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
1000
2000
3000
4000
Figure 7. ADC DNL; VDD = 5.5 V
ADC CODE
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
1000
2000
3000
4000
Figure 8. ADC INL; VDD = 2.7 V
ADC CODE
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
1000
2000
3000
4000
Figure 9. ADC DNL; VDD = 2.7 V
ADC CODE
0
5000
10000
15000
20000
25000
30000
35000
2528
2529
2530
VDD = 2.7V
SAMPLES = 60000
VIN = 1.5V
GAIN = 1
EXTERNAL
REFERENCE = 2.5V
Figure 10. Histogram of ADC Codes; VDD = 2.7 V
ADC CODE
0
5000
10000
15000
20000
25000
30000
35000
VDD = 5.5V
SAMPLES = 60000
VIN = 1.5V
GAIN = 1
EXTERNAL REFERENCE = 2.5V
2520
2521
2522
2523
2524
2525
2526
Figure 11. Histogram of Codes; VDD = 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com