Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5593R Datasheet(PDF) 31 Page - Analog Devices

Part # AD5593R
Description  Control and monitoring
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5593R Datasheet(HTML) 31 Page - Analog Devices

Back Button AD5593R Datasheet HTML 26Page - Analog Devices AD5593R Datasheet HTML 27Page - Analog Devices AD5593R Datasheet HTML 28Page - Analog Devices AD5593R Datasheet HTML 29Page - Analog Devices AD5593R Datasheet HTML 30Page - Analog Devices AD5593R Datasheet HTML 31Page - Analog Devices AD5593R Datasheet HTML 32Page - Analog Devices AD5593R Datasheet HTML 33Page - Analog Devices AD5593R Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
AD5593R
Data Sheet
Rev. B | Page 30 of 33
POWER-DOWN/REFERENCE CONTROL
The AD5593R has a power-down/reference control register
(pointer byte = 0b00001011) that reduces the power consumption
when certain functions are not needed. The power-down register
allows any channels set as DACs to be placed in a power-down
state individually. When in power-down, the DAC outputs are
three-stated. When a DAC channel is returned into normal
mode, the DAC output returns to its previous value. The internal
reference and its buffer are powered down by default and are
enabled by setting the EN_REF bit in the power-down register.
The internal reference voltage then appears at the VREF pin.
There is no dedicated power-down function for the ADC, but
the ADC is automatically powered down if none of the I/Ox
pins are selected as ADCs. The ADC powers up if a read of the
temperature indicator is initiated. The PD_ALL bit powers down
all the DACs, the reference, its buffer, and the ADC. The
PD_ALL bit also overrides the settings of Bit D9 to Bit D0.
Table 26 shows the power-down register.
RESET FUNCTION
The AD5593R can be reset to its default conditions by writing
0x0DAC to the reset register (pointer byte = 0b00001111). This
resets all registers to their default values and reconfigures the
I/Ox pins to their default values (85 kΩ pull-down to GND).
The reset function is triggered on the SCL falling edge of the eighth
bit of the least significant byte (DB0 of Frame 4 in Figure 34),
and the AD5593R does not generate an ACK signal for this byte
of data. The reset function takes 100 μs maximum and new data
must not be written to the AD5593R during this time. The
AD5593R has a RESET pin that performs the same function.
For normal operation, RESET is tied high. A falling edge on
RESET triggers the reset function.
Table 26. Power-Down Register
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
PD_ALL
EN_REF
0
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
Table 27. LDAC Mode Register Descriptions
Bits
Bit Name
Description
D15 to D11
Reserved
Reserved; set these bits to 0
D10
PD_ALL
0 = the power-down states of the reference and DACs are determined by D9 and D7 to D0 (default).
1 = the reference, the DACs, and the ADC are powered down.
D9
EN_REF
0 = the reference and its buffer are powered down (default). Set this bit if an external reference is used.
1 = the reference and its buffer are powered up. The reference is available on the VREF pin.
D7 to D0
PD7 to PD0
0 = the channel is in normal operating mode (default).
1 = the channel is powered down if it is configured as a DAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com