Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5593R Datasheet(PDF) 26 Page - Analog Devices

Part # AD5593R
Description  Control and monitoring
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5593R Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5593R Datasheet HTML 22Page - Analog Devices AD5593R Datasheet HTML 23Page - Analog Devices AD5593R Datasheet HTML 24Page - Analog Devices AD5593R Datasheet HTML 25Page - Analog Devices AD5593R Datasheet HTML 26Page - Analog Devices AD5593R Datasheet HTML 27Page - Analog Devices AD5593R Datasheet HTML 28Page - Analog Devices AD5593R Datasheet HTML 29Page - Analog Devices AD5593R Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
Data Sheet
AD5593R
Rev. B | Page 25 of 33
CONFIGURING THE AD5593R
The AD5593R I/O pins are configured by writing to a series of
pin configuration registers. The control registers are accessed
when Bits[D7:D4] are 0b0000. Bits[D3:D0] determine which
register is accessed as shown in Table 11.
On power-up, the I/O pins are configured as 85 kΩ resistors
connected to GND. The I/O channels of the AD5593R can be
configured to operate as DAC outputs, ADC inputs, digital
outputs, digital inputs, three-state, or connected to GND with
85 kΩ pull-down resistors. When configured as digital outputs,
the pins have the additional option of being configured as
push/pull or open-drain.
The I/O channels are configured by writing to the appropriate
configuration registers, as shown in Table 11. To assign a
particular function for an I/O channel, write to the appropriate
register and set the corresponding bit to 1. For example, setting
Bit D0 in the DAC configuration register configures I/O0 as a
DAC. In the event that the bit for an I/O channel is set in
multiple configuration registers, the I/O channel adopts the
function dictated by the last write operation.
The exceptions to this rule are that an I/Ox pin can be set as
both a DAC and ADC or as a digital input and output. When an
I/Ox pin is configured as a DAC and ADC, the primary
function is as a DAC and the ADC can be used to measure the
voltage being provided by the DAC. This feature can be used to
monitor the output voltage to detect short circuits or overload
conditions. Figure 38 shows an example of how to configure
I/O1 and I/O7 as DACs. When a pin is configured as both a
general-purpose input and output, the primary function is as an
output pin. This configuration allows the status of the output pin
to be determined by reading the GPIO read configuration
register.
The general-purpose control register contains a lock
configuration bit. When the lock configuration bit is set to 1,
any writes to the pin configuration registers are ignored, thus
preventing the function of the I/O pins from being changed.
The I/O pins can be reconfigured any time when the AD5593R
is in an idle state, that is, no ADC conversions are taking place
and no registers are being read back. The lock configuration bit
must also be set to 0.
Table 14. I/O Pin Configuration Registers1
D7
D6
D5
D4
D3
D2
D1
D0
I/O7
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
I/O0
1 Setting an I/O pin configuration bit to 1 after writing to a control register enables that function on the selected I/O pin.
S = START CONDITION
P = STOP CONDITION
A = ACKNOWLEDGE
A
P
S
A
A
0b00000101
0b00000000
0b10000010
A
POINTER BYTE
MOST SIGNIFICANT
DATA BYTE
LEAST SIGNIFICANT
DATA BYTE
SLAVE ADDRESS + W
Figure 38. Configuring I/O1 and I/O7 as DACs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com